전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB-CRBP 데이터시트(PDF) 9 Page - OSRAM GmbH

부품명 LB-CRBP
상세설명  SMD ceramic package with silicone lens
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-CRBP 데이터시트(HTML) 9 Page - OSRAM GmbH

Back Button LB-CRBP Datasheet HTML 5Page - OSRAM GmbH LB-CRBP Datasheet HTML 6Page - OSRAM GmbH LB-CRBP Datasheet HTML 7Page - OSRAM GmbH LB-CRBP Datasheet HTML 8Page - OSRAM GmbH LB-CRBP Datasheet HTML 9Page - OSRAM GmbH LB-CRBP Datasheet HTML 10Page - OSRAM GmbH LB-CRBP Datasheet HTML 11Page - OSRAM GmbH LB-CRBP Datasheet HTML 12Page - OSRAM GmbH LB-CRBP Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Version 1.7
LB CRBP
2018-03-01
9
Relative Forward Voltage 6) page 20
Relative Vorwärtsspannung 6) Seite 20
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
Relative Luminous Flux 6) page 20
Relativer Lichtstrom 6) Seite 20
ΦVV(25 °C) = f(Tj); IF = 350 mA
Dominant Wavelength 6) page 20
Dominante Wellenlänge 6) Seite 20
Δλdom = λdom - λdom (25 °C) = f(Tj); IF = 350 mA
LB CRBP
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
∆V
F [V]
: blue
LB CRBP
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
Φ
v
Φ
v(25°C)
: blue
LB CRBP
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-6
-4
-2
0
2
4
6
∆λ
dom [nm]
: blue


유사한 부품 번호 - LB-CRBP

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LB-CL7P OSRAM-LB-CL7P Datasheet
578Kb / 21P
   SMD ceramic package with silicone resin with lens
LB-CP7P OSRAM-LB-CP7P Datasheet
1Mb / 24P
   SMT ceramic package with silicone resin and silicone lens
LB-CPDP OSRAM-LB-CPDP Datasheet
2Mb / 22P
   SMT ceramic package with silicone resin and silicone lens
More results

유사한 설명 - LB-CRBP

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LUW-CN7M OSRAM-LUW-CN7M Datasheet
752Kb / 23P
   SMD ceramic package with silicone lens
LCB-CRBP OSRAM-LCB-CRBP Datasheet
1,016Kb / 22P
   SMD ceramic package with silicone lens
LJ-CKBP OSRAM-LJ-CKBP Datasheet
1,001Kb / 22P
   SMD ceramic package with silicone lens
LT-CQBP OSRAM-LT-CQBP Datasheet
964Kb / 21P
   SMD ceramic package with silicone lens
LV-CQBP OSRAM-LV-CQBP Datasheet
1,011Kb / 23P
   SMD ceramic package with silicone lens
LUW-CN7N OSRAM-LUW-CN7N Datasheet
746Kb / 23P
   SMD ceramic package with silicone lens
LT-CN5M OSRAM-LT-CN5M Datasheet
1Mb / 21P
   SMD ceramic package with silicone resin with lens
LB-CL7P OSRAM-LB-CL7P Datasheet
578Kb / 21P
   SMD ceramic package with silicone resin with lens
LD-CN5M OSRAM-LD-CN5M Datasheet
973Kb / 21P
   SMD ceramic package with silicone resin with lens
LY-CN5M OSRAM-LY-CN5M Datasheet
3Mb / 21P
   SMD ceramic package with silicone resin with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com