전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB-CRBP 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 LB-CRBP
상세설명  SMD ceramic package with silicone lens
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-CRBP 데이터시트(HTML) 1 Page - OSRAM GmbH

  LB-CRBP Datasheet HTML 1Page - OSRAM GmbH LB-CRBP Datasheet HTML 2Page - OSRAM GmbH LB-CRBP Datasheet HTML 3Page - OSRAM GmbH LB-CRBP Datasheet HTML 4Page - OSRAM GmbH LB-CRBP Datasheet HTML 5Page - OSRAM GmbH LB-CRBP Datasheet HTML 6Page - OSRAM GmbH LB-CRBP Datasheet HTML 7Page - OSRAM GmbH LB-CRBP Datasheet HTML 8Page - OSRAM GmbH LB-CRBP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2018-03-01
1
2018-03-01
OSLON Signal
Datasheet
Version 1.7
LB CRBP
The OSLON® Signal combines a compact size (small
footprint: 3x3mm) with a high efficiency and an
electrically isolated thermal pad.
Die OSLON® Signal vereint eine kompakte Größe von
3.0 x 3.0 mm mit hoher Effizienz und einem elektrisch
isoliertem Wärmekontakt.
Features:
Besondere Merkmale:
Package: SMD ceramic package with silicone lens
Gehäusetyp: SMD Keramik Gehäuse mit
Silikonlinse
Technology: ThinGaN (UX:3)
Technologie: ThinGaN (UX:3)
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: blue (475 nm)
Farbe: blau (475 nm)
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Signaling
Signalanlagen
Architectural Lighting indoor
Architekturbeleuchtung innen
Signal and Symbol Luminary
Signal- und Symbolleuchten


유사한 부품 번호 - LB-CRBP

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LB-CL7P OSRAM-LB-CL7P Datasheet
578Kb / 21P
   SMD ceramic package with silicone resin with lens
LB-CP7P OSRAM-LB-CP7P Datasheet
1Mb / 24P
   SMT ceramic package with silicone resin and silicone lens
LB-CPDP OSRAM-LB-CPDP Datasheet
2Mb / 22P
   SMT ceramic package with silicone resin and silicone lens
More results

유사한 설명 - LB-CRBP

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LUW-CN7M OSRAM-LUW-CN7M Datasheet
752Kb / 23P
   SMD ceramic package with silicone lens
LCB-CRBP OSRAM-LCB-CRBP Datasheet
1,016Kb / 22P
   SMD ceramic package with silicone lens
LJ-CKBP OSRAM-LJ-CKBP Datasheet
1,001Kb / 22P
   SMD ceramic package with silicone lens
LT-CQBP OSRAM-LT-CQBP Datasheet
964Kb / 21P
   SMD ceramic package with silicone lens
LV-CQBP OSRAM-LV-CQBP Datasheet
1,011Kb / 23P
   SMD ceramic package with silicone lens
LUW-CN7N OSRAM-LUW-CN7N Datasheet
746Kb / 23P
   SMD ceramic package with silicone lens
LT-CN5M OSRAM-LT-CN5M Datasheet
1Mb / 21P
   SMD ceramic package with silicone resin with lens
LB-CL7P OSRAM-LB-CL7P Datasheet
578Kb / 21P
   SMD ceramic package with silicone resin with lens
LD-CN5M OSRAM-LD-CN5M Datasheet
973Kb / 21P
   SMD ceramic package with silicone resin with lens
LY-CN5M OSRAM-LY-CN5M Datasheet
3Mb / 21P
   SMD ceramic package with silicone resin with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com