전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD-CN5M 데이터시트(PDF) 8 Page - OSRAM GmbH

부품명 LD-CN5M
상세설명  SMD ceramic package with silicone resin with lens
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD-CN5M 데이터시트(HTML) 8 Page - OSRAM GmbH

Back Button LD-CN5M Datasheet HTML 4Page - OSRAM GmbH LD-CN5M Datasheet HTML 5Page - OSRAM GmbH LD-CN5M Datasheet HTML 6Page - OSRAM GmbH LD-CN5M Datasheet HTML 7Page - OSRAM GmbH LD-CN5M Datasheet HTML 8Page - OSRAM GmbH LD-CN5M Datasheet HTML 9Page - OSRAM GmbH LD-CN5M Datasheet HTML 10Page - OSRAM GmbH LD-CN5M Datasheet HTML 11Page - OSRAM GmbH LD-CN5M Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2015-11-04
8
Version 1.2
LD CN5M
Forward Current 5) page 20 , 6) page 20
Durchlassstrom 5) Seite 20 , 6) Seite 20
IF = f (VF); TS = 25 °C
Relative Radiant Power 5) page 20 , 6) page 20
Relative Strahlungsleistung 5) Seite 20 , 6) Seite 20
ΦEE(140 mA) = f(IF); TS = 25 °C
Dominant Wavelength 5) page 20
Dominante Wellenlänge 5) Seite 20
Δλdom = f(IF); TS = 25 °C
LD CN5M
2,9
3,0
3,2
3,4
3,6
VF [V]
30
50
100
150
200
250
IF [mA]
LD CN5M
30 50
10
0
15
0
20
0
25
0
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
Φ
E
Φ
E(140mA)
LD CN5M
30 50
10
0
15
0
20
0
25
0
IF [mA]
-4
-2
0
2
4
6
∆λ dom [nm]


유사한 부품 번호 - LD-CN5M

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LD-CP7P OSRAM-LD-CP7P Datasheet
485Kb / 17P
   SMT ceramic package with silicon resin with lens
LD-CQ7P OSRAM-LD-CQ7P Datasheet
435Kb / 17P
   SMD ceramic package with silicon resin with lens
LD-CQAR OSRAM-LD-CQAR Datasheet
9Mb / 22P
   SMT ceramic package with silicone resin and silicone lens
LD-CQDP OSRAM-LD-CQDP Datasheet
1Mb / 23P
   SMT ceramic package with silicone resin and silicone lens
logo
List of Unclassifed Man...
LD-CU3503AF ETC1-LD-CU3503AF Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
More results

유사한 설명 - LD-CN5M

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LT-CN5M OSRAM-LT-CN5M Datasheet
1Mb / 21P
   SMD ceramic package with silicone resin with lens
LB-CL7P OSRAM-LB-CL7P Datasheet
578Kb / 21P
   SMD ceramic package with silicone resin with lens
LY-CN5M OSRAM-LY-CN5M Datasheet
3Mb / 21P
   SMD ceramic package with silicone resin with lens
LUW-CN5M OSRAM-LUW-CN5M Datasheet
919Kb / 21P
   SMD ceramic package with silicone resin with lens
LUW-CVBP.CE OSRAM-LUW-CVBP.CE Datasheet
758Kb / 22P
   SMD ceramic package with silicone resin with lens
LMWCNAP-6J7K-37-DF-LH OSRAM-LMWCNAP-6J7K-37-DF-LH Datasheet
419Kb / 22P
   SMD ceramic package with silicone resin with lens
LJCKBP-JZKZ-25-1 OSRAM-LJCKBP-JZKZ-25-1 Datasheet
977Kb / 22P
   SMD ceramic package with silicone resin with lens
LUWCVBP.CE OSRAM-LUWCVBP.CE Datasheet
758Kb / 22P
   SMD ceramic package with silicone resin with lens
LY-CKBP OSRAM-LY-CKBP Datasheet
618Kb / 22P
   SMD ceramic package with silicone resin with lens
LTCN5M OSRAM-LTCN5M Datasheet
1Mb / 21P
   SMD ceramic package with silicone resin with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com