전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0016 데이터시트(PDF) 3 Page - RF Micro Devices

부품명 TA0016
상세설명  EUROPEAN APPLICANTIONS FOR RF 403 CORDLESS TELEPHONE FRONT END RFIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFMD [RF Micro Devices]
홈페이지  http://www.rfmd.com
Logo RFMD - RF Micro Devices

TA0016 데이터시트(HTML) 3 Page - RF Micro Devices

  TA0016 Datasheet HTML 1Page - RF Micro Devices TA0016 Datasheet HTML 2Page - RF Micro Devices TA0016 Datasheet HTML 3Page - RF Micro Devices TA0016 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
13-87
TA0016
13
Copyright 1997-2000 RF Micro Devices, Inc.
Component Designation
Value (0805 size, unless noted otherwise)
433MHz Circuit
915MHz Circuit
C1
220pF
100pF
C2
0.1
µF0.1µF
C3
Omit
3.0pF
C4
100pF
47pF
C5
100pF
47pF
C6
100pF
47pF
C7
220pF
100pF
C8
100pF
47pF
C9
22pF
12pF
C10
0.1
µF0.1µF
C11
1.5pF ATC 100A
0.6pF ATC 100A
L1
47nH
22nH
L2
Replace with metal strip jumper
3.3nH
L3
33nH
33nH
L4
10nH
3.3nH
R1
150
Ω 1206, added shunt to ground on DC-
isolated side of C8
Omit
Table 1. Application circuit component values


유사한 부품 번호 - TA0016

제조업체부품명데이터시트상세설명
logo
Transcom, Inc.
TA001-005-25-16 TRANSCOM-TA001-005-25-16 Datasheet
61Kb / 2P
   0.01 ~ 0.5 MHz 25dB Gain 16dBm PowerAmplifier
TA001-010-24-27 TRANSCOM-TA001-010-24-27 Datasheet
46Kb / 2P
   50 ~ 1000 MHz 27 dBm Power Amplifier
logo
RF Micro Devices
TA0012 RFMD-TA0012 Datasheet
76Kb / 4P
   New High Power, High Efficiency HBT GSM Power Amplifier
More results

유사한 설명 - TA0016

제조업체부품명데이터시트상세설명
logo
TEMEX
TMXU388 TEMEX-TMXU388 Datasheet
315Kb / 4P
   SAW Front-End Filter - European Wireless Receivers - RF
logo
Advanced Crystal Techno...
ACTF14-59 ACT-ACTF14-59 Datasheet
45Kb / 3P
   Compact RF duplexer for cordless telephone CT1
SEPT 04
logo
Toshiba Semiconductor
TB31261AF TOSHIBA-TB31261AF Datasheet
2Mb / 26P
   RF 1CHIP IC FOR 900Mhz CORDLESS TELEPHONE
logo
STMicroelectronics
TEA7092 STMICROELECTRONICS-TEA7092 Datasheet
261Kb / 24P
   TELEPHONE ANALOG FRONT END
TEA7091 STMICROELECTRONICS-TEA7091 Datasheet
139Kb / 7P
   TELEPHONE ANALOG FRONT END
logo
Mitsumi Electronics, Co...
TRM7P MITSUMI-TRM7P Datasheet
120Kb / 2P
   RF Module for Cordless Telephone in Japan Use
TRM5P MITSUMI-TRM5P Datasheet
105Kb / 2P
   RF Module for Cordless Telephone in Japan Use
logo
Toshiba Semiconductor
TB31224F TOSHIBA-TB31224F Datasheet
1Mb / 39P
   RF 1CHIP IC FOR 46/49MHZ CORDLESS TELEPHONE
1997-03-07
logo
NXP Semiconductors
UAA2090T PHILIPS-UAA2090T Datasheet
927Kb / 12P
   900 MHz front end circuit for cordless communication
October 1991
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
   Cordless Telephone
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com