전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSL1112S 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 TSL1112S
상세설명  Inductors For Power Line Radial
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

TSL1112S 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  TSL1112S Datasheet HTML 1Page - List of Unclassifed Manufacturers TSL1112S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• All specifications are subject to change without notice.
(2/2)
001-01 / 20011025 / e532_tsl1315.fm
Inductors
TSL Series TSL1315 Type
For Power Line
Radial
SHAPES AND DIMENSIONS
ELECTRICAL CHARACTERISTICS
Rated current: Value obtained when current flows and the temperature has risen to 25°C or when DC current flows and the initial value of inductance has
fallen by 10%, whichever is smaller.
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
7.5
±0.5
ø0.8
±0.05
Weight: 7.5g
Dimensions in mm
Inductance
(µH)
Inductance
tolerance
Q min.
Test
frequency
L/Q (Hz)
Self-resonant
frequency
(MHz)min.
DC
resistance
(
)max.
Rated current (A)max.
Part No.
Based on inductance
change
Based on
temperature rise
10
±10%
90
1k/2.52M
19
0.023
12
5.1
TSL1315-100K5R1
15
±10%
90
1k/2.52M
12
0.028
9.5
4.5
TSL1315-150K4R5
22
±10%
80
1k/2.52M
7.6
0.035
8.2
4.2
TSL1315-220K4R2
33
±10%
70
1k/2.52M
6.9
0.043
6.8
3.7
TSL1315-330K3R7
47
±10%
50
1k/2.52M
5.6
0.052
5.7
3.4
TSL1315-470K3R4
68
±10%
40
1k/2.52M
4.4
0.068
4.8
3
TSL1315-680K3R0
100
±10%
50
1k/796k
3.3
0.097
3.9
2.5
TSL1315-101K2R5
150
±10%
50
1k/796k
2.6
0.14
3.2
2.1
TSL1315-151K2R1
220
±10%
40
1k/796k
2.2
0.2
2.7
1.7
TSL1315-221K1R7
330
±10%
30
1k/796k
1.8
0.3
2.1
1.4
TSL1315-331K1R4
470
±10%
30
1k/796k
1.5
0.43
1.8
1.1
TSL1315-471K1R1
680
±10%
30
1k/796k
1.2
0.61
1.5
0.99
TSL1315-681KR99
1000
±5%
30
1k/252k
1
1
1.2
0.78
TSL1315-102JR78
1500
±5%
40
1k/252k
0.83
1.3
1
0.68
TSL1315-152JR68
2200
±5%
40
1k/252k
0.7
2
0.83
0.55
TSL1315-222JR55
3300
±5%
40
1k/252k
0.6
3.1
0.69
0.44
TSL1315-332JR44
4700
±5%
40
1k/252k
0.43
4.4
0.58
0.37
TSL1315-472JR37
6800
±5%
30
1k/252k
0.38
6.5
0.46
0.3
TSL1315-682JR30
10000
±5%
70
1k/79.6k
0.3
10
0.4
0.24
TSL1315-103JR24
DC current(A)
0.01
0.1
0.3
0.03
3
110
10
5
100
1000
300
30
10000
3000
100000
30000
1000
µH
330
µH
220
µH
33
µH
47
µH
68
µH
10
µH
15
µH
22
µH
100
µH
150
µH
3300
µH
10000
µH
A
L=0.1H C=20000
µF
Test circuit
DC
Specimen
YHP model-4275A
or equivalent


유사한 부품 번호 - TSL1112S

제조업체부품명데이터시트상세설명
logo
TDK Electronics
TSL1112RA-100M3R7-PF TDK-TSL1112RA-100M3R7-PF Datasheet
41Kb / 3P
   Inductors For Power Line Radial
TSL1112RA-101K1R4-PF TDK-TSL1112RA-101K1R4-PF Datasheet
41Kb / 3P
   Inductors For Power Line Radial
TSL1112RA-102JR50-PF TDK-TSL1112RA-102JR50-PF Datasheet
41Kb / 3P
   Inductors For Power Line Radial
TSL1112RA-103JR14-PF TDK-TSL1112RA-103JR14-PF Datasheet
41Kb / 3P
   Inductors For Power Line Radial
TSL1112RA-150M3R4-PF TDK-TSL1112RA-150M3R4-PF Datasheet
41Kb / 3P
   Inductors For Power Line Radial
More results

유사한 설명 - TSL1112S

제조업체부품명데이터시트상세설명
logo
TDK Electronics
SL1215 TDK-SL1215 Datasheet
40Kb / 2P
   Inductors For Power Line Radial
TSL1112RA-101K1R4-PF TDK-TSL1112RA-101K1R4-PF Datasheet
41Kb / 3P
   Inductors For Power Line Radial
TSL1315RA-222JR55-PF TDK-TSL1315RA-222JR55-PF Datasheet
39Kb / 2P
   Inductors For Power Line Radial
TSL0808RA-101KR80-PF TDK-TSL0808RA-101KR80-PF Datasheet
45Kb / 2P
   For Power Line Radial
TSL1112RA-1R0M7R7-PF TDK-TSL1112RA-1R0M7R7-PF Datasheet
41Kb / 3P
   For Power Line Radial
TSL0709 TDK-TSL0709 Datasheet
38Kb / 2P
   Inductors For Power Line Radial Televisions, VCRs, personal computers
ACL3225 TDK-ACL3225 Datasheet
43Kb / 3P
   INDUCTORS FOR POWER LINE SMD
logo
List of Unclassifed Man...
RLF12560 ETC-RLF12560 Datasheet
57Kb / 2P
   Inductors For Power Line SMD
logo
TDK Electronics
SLF TDK-SLF Datasheet
82Kb / 2P
   Inductors For Power Line SMD
VLF5014ST-2R2M2R3 TDK-VLF5014ST-2R2M2R3 Datasheet
85Kb / 2P
   SMD Inductors For Power Line
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com