전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD-W5AM 데이터시트(PDF) 9 Page - OSRAM GmbH

부품명 LD-W5AM
상세설명  white SMD package, clear silicone lens
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD-W5AM 데이터시트(HTML) 9 Page - OSRAM GmbH

Back Button LD-W5AM Datasheet HTML 5Page - OSRAM GmbH LD-W5AM Datasheet HTML 6Page - OSRAM GmbH LD-W5AM Datasheet HTML 7Page - OSRAM GmbH LD-W5AM Datasheet HTML 8Page - OSRAM GmbH LD-W5AM Datasheet HTML 9Page - OSRAM GmbH LD-W5AM Datasheet HTML 10Page - OSRAM GmbH LD-W5AM Datasheet HTML 11Page - OSRAM GmbH LD-W5AM Datasheet HTML 12Page - OSRAM GmbH LD-W5AM Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Released
LD W5AM, LB W5AM, LT W5AM
2010-08-26
9
Relativer Lichtstrom
2) Seite 22
Relative Luminous Flux
2) page 22
Φ
VV(350 mA) = f (IF); TS = 25 °C, blue
Relativer Lichtstrom
2) Seite 22
Relative Luminous Flux
2) page 22
Φ
VV(350 mA) = f (IF); TS = 25 °C, true green
Relative Strahlungsleistung
2) Seite 22
Relative Radiant Power
2) page 22
Φ
EE(350 mA) = f (IF); TS = 25 °C, deep blue
OHL04432
I
F
Φ (350 mA)
V
V
Φ
0
0
mA
200
400
600
1000
0.5
1.0
1.5
2.0
2.5
OHL04434
I
F
Φ (350 mA)
V
V
Φ
0
0
mA
200
400
600
1000
0.5
1.0
1.5
2.0
2.5
OHL04433
I
F
Φ (350 mA)
E
E
Φ
0
0
mA
200
400
600
1000
0.5
1.0
1.5
2.0
2.5


유사한 부품 번호 - LD-W5AM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LD-W5AP OSRAM-LD-W5AP Datasheet
641Kb / 19P
   black SMD package, colorless clear silicone resin, silicone lense
More results

유사한 설명 - LD-W5AM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LDW5AM OSRAM-LDW5AM Datasheet
404Kb / 22P
   white SMD package, clear silicone lens
LRW5AM OSRAM-LRW5AM Datasheet
625Kb / 16P
   white SMD package, colorless clear silicone resin, clear silicone lens
LR-W5AM OSRAM-LR-W5AM Datasheet
625Kb / 16P
   white SMD package, colorless clear silicone resin, clear silicone lens
LV-W5AM OSRAM-LV-W5AM Datasheet
906Kb / 20P
   white SMD package with clear silicone lens
LCWW5AM OSRAM-LCWW5AM Datasheet
1Mb / 23P
   white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LCW-W5AM OSRAM-LCW-W5AM Datasheet
1Mb / 23P
   white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LW-W5AM OSRAM-LW-W5AM Datasheet
568Kb / 18P
   white SMD package, colorless clear silicone resin, clear silicone lens, chip level conversion
LRG5AP OSRAM-LRG5AP Datasheet
905Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LA-G5AP OSRAM-LA-G5AP Datasheet
915Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LR-G5AP OSRAM-LR-G5AP Datasheet
905Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com