전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1923M 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 LB1923M
상세설명  Power Brushless Motor Pre-Driver IC for OA Equipment
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1923M 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  LB1923M Datasheet HTML 1Page - Sanyo Semicon Device LB1923M Datasheet HTML 2Page - Sanyo Semicon Device LB1923M Datasheet HTML 3Page - Sanyo Semicon Device LB1923M Datasheet HTML 4Page - Sanyo Semicon Device LB1923M Datasheet HTML 5Page - Sanyo Semicon Device LB1923M Datasheet HTML 6Page - Sanyo Semicon Device LB1923M Datasheet HTML 7Page - Sanyo Semicon Device LB1923M Datasheet HTML 8Page - Sanyo Semicon Device LB1923M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
No. 6067-3/17
LB1923M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[VCO Oscillator]
Pin C output high-level voltage
VOH(C)1
4.1
4.3
4.6
V
VOH(C)2
VCC = 5 V
3.2
3.4
3.6
V
Pin C output low-level voltage
VOL(C)1
3.6
3.9
4.1
V
VOL(C)2
VCC = 5 V
2.8
3.0
3.2
V
Oscillator frequency
f (C)
1.0
MHz
Amplitude
V(C)
0.2
0.4
0.6
Vp-p
[Current Limiter Operation]
Limiter
VRF
0.47
0.52
0.57
V
[Thermal Shutdown Operation]
Thermal shutdown operating temperature
TSD
Design target value*
150
180
°C
Hysteresis
∆TSD
Design target value*
30
°C
[VREG Pin]
VREG pin voltage
VREG
6.7
7.1
7.4
V
[FG Amplifier]
Input offset voltage
VIO(FG)
–10
+10
mV
Input bias current
IB(FG)
–1
+1
µA
Output high-level voltage
VOH(FG)
VCC – 1.5
VCC – 1
V
Output low-level voltage
VOL(FG)
1
1.5
V
FG input sensitivity
Gain: 100
×
3
mV
Schmitt amplitude for the next stage
100
180
250
mV
Operating frequency range
16
kHz
Open-loop gain
f (FG) = 2 kHz
45
51
dB
[FGS Output]
Output saturation voltage
VO(FGS)
IO(FGS) = 2 mA
0.1
0.5
V
Output leakage current
IL(FGS)
VO = VCC
10
µA
[Speed Discriminator Output]
Output high-level voltage
VOH(D)
VCC – 1.0
VCC – 0.7
V
Output low-level voltage
VOL(D)
0.4
1.1
V
[Speed Control PLL Output]
Output high-level voltage
VOH(P)1
4.05
4.35
4.65
V
VOH(P)2
VCC = 5 V
3.25
3.55
3.83
V
Output low-level voltage
VOL(P)1
1.85
2.15
2.45
V
VOL(P)2
VCC = 5 V
1.25
1.55
1.85
V
[VCO PLL Output]
Output high-level voltage
VOH(VCO)
5.3
5.6
V
Output low-level voltage
VOL(VCO)
0.4
11
V
[Lock Detection]
Output saturation voltage
VOL(LD)
ILD = 10 mA
0.1
0.5
V
Output leakage current
IL(LD)
VO = VCC
10
µA
Lock range
–6.25
+6.25
%
[Integrator]
Input offset voltage
VIO(INT)
–10
+10
mV
Input bias current
IB(INT)
–0.4
+0.4
µA
Output high-level voltage
VOH(INT)
VCC – 1.2
VCC – 0.8
V
Output low-level voltage
VOL(INT)
0.8
1.2
V
Open-loop gain
60
dB
Gain-bandwidth product
1.6
MHz
Reference voltage
VB(INT)
–5%
VCC/2
5%
V
[Filter Amplifier]
Input bias current
IB(FIL)
–0.4
+0.4
µA
Output high-level voltage
VOH(FIL)
VCC – 1.2
VCC – 0.8
V
Output low-level voltage
VOL(FIL)
0.8
1.2
V
Reference voltage
VB(FIL)1
–5%
2.0
+5%
V
VB(FIL)2
VCC = 5 V
1.5
1.6
1.7
V
Continued from preceding page.
Continued on next page.
Note: * Design target value. These items are not tested.


유사한 부품 번호 - LB1923M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
LB1922 SANYO-LB1922 Datasheet
123Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
   Power Brushless Motor Driver IC for Office Automation Equipment
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
More results

유사한 설명 - LB1923M

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1821M SANYO-LB1821M Datasheet
223Kb / 16P
   Power Brushless Motor Pre-Driver IC for OA Equipment
LB1824 SANYO-LB1824 Datasheet
134Kb / 9P
   Power Brushless Motor Driver for OA Equipment
LB1823M SANYO-LB1823M Datasheet
119Kb / 11P
   Power Brushless Motor Predriver IC for OA Applications
LB1823 SANYO-LB1823 Datasheet
118Kb / 11P
   Power Brushless Motor Predriver IC for OA Applications
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
   Power Brushless Motor Driver IC for Office Automation Equipment
logo
Asahi Kasei Microsystem...
AP1050 AKM-AP1050 Datasheet
231Kb / 4P
   Pre-Driver IC for 3-Phase Brushless Motor
logo
Sanyo Semicon Device
LB11826 SANYO-LB11826_08 Datasheet
135Kb / 11P
   For OA Products Three-Phase Brushless Motor Driver
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB1929 SANYO-LB1929 Datasheet
104Kb / 12P
   Three-Phase Brushless Motor Driver for OA Products
LB11922 SANYO-LB11922_08 Datasheet
185Kb / 15P
   For OA Products Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com