전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA11052 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 CA11052
상세설명  ~35째 15째 oval beam optimized for CREE XP-E.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11052 데이터시트(HTML) 1 Page - Ledil, Inc.

  CA11052_18 Datasheet HTML 1Page - Ledil, Inc. CA11052_18 Datasheet HTML 2Page - Ledil, Inc. CA11052_18 Datasheet HTML 3Page - Ledil, Inc. CA11052_18 Datasheet HTML 4Page - Ledil, Inc. CA11052_18 Datasheet HTML 5Page - Ledil, Inc. CA11052_18 Datasheet HTML 6Page - Ledil, Inc. CA11052_18 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
CA11052_TINA2-O
TINA2-O
~35°
15° oval beam optimized for CREE XP-E.
Assembly with holder and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
9.7 mm
Fastening
tape
Colour
black
Box size
451 x 241 x 298 mm
Box weight
8.3 kg
Quantity in Box
4140 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA2-XP-O
Lens
PMMA
clear
TINA2-XP-HLD-TAPE-BLK
Holder
PC
black
TINA-TAPE3
Tape
PU tape
black
Last update: 15/05/2018
Subject to change without prior notice
1/7
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


유사한 부품 번호 - CA11052_18

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CA11052-TINA2-O CREE-CA11052-TINA2-O Datasheet
794Kb / 12P
   Tina2 series
More results

유사한 설명 - CA11052_18

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
FA11200 LEDIL-FA11200 Datasheet
1Mb / 5P
   ~35째 x 15째 oval beam optimized for CREE XP-E
FA10669 LEDIL-FA10669 Datasheet
1Mb / 5P
   ~45째 15째 oval beam optimized for CREE XP-E.
CA12379 LEDIL-CA12379_18 Datasheet
5Mb / 11P
   ~35째 15째 oval beam optimized for CREE XP-E. Assembly with holder and installation tape.
FP11076 LEDIL-FP11076 Datasheet
1Mb / 7P
   ~35째 wide beam optimized for CREE XP-E.
CP11627 LEDIL-CP11627 Datasheet
2Mb / 6P
   ~15째 spot beam optimized for CREE XP-E
CP12680 LEDIL-CP12680 Datasheet
2Mb / 4P
   ~35째 15째 oval beam optimized
CA11960 LEDIL-CA11960 Datasheet
2Mb / 10P
   ~15째 diffused spot beam optimized for CREE XP-E
CP12673 LEDIL-CP12673 Datasheet
2Mb / 4P
   ~35째 15째 oval beam optimized
FA10667 LEDIL-FA10667 Datasheet
1Mb / 5P
   ~15째 smooth spot beam optimized for CREE XP-E.
FA10662 LEDIL-FA10662 Datasheet
1Mb / 5P
   ~35째 x 25째 rectangular beam optimized for CREE XP-E
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com