전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1015 데이터시트(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

부품명 2SA1015
상세설명  Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SA1015 데이터시트(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  2SA1015_17 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SA1015_17 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SA1015_17 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 2SA1015_17 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Production specification
Silicon Epitaxial Planar Transistor
2SA1015
C011
www.gmesemi.com
Rev.A
1
FEATURES
Complementary To 2SC1815.
Excellent HFE Linearity.
High voltage and high current.
Low noise.
Collector-Emitter voltage BVCEO=-50V.
APPLICATIONS
Low frequency , low noise amplifier.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
2SA1015
BA
SOT-23
MAXIMUM RATING @ Ta=25
℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-150
mA
PC
Collector Dissipation
400
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +125
Pb
Lead-free


유사한 부품 번호 - 2SA1015_17

제조업체부품명데이터시트상세설명
logo
First Components Intern...
2SA1015-1 FCI-2SA1015-1 Datasheet
919Kb / 2P
   PnP Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1015 KEXIN-2SA1015_15 Datasheet
838Kb / 2P
   PNP Transistors
More results

유사한 설명 - 2SA1015_17

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
   Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
   Silicon Epitaxial Planar Transistor
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
   Silicon Epitaxial Planar Transistor
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
   Silicon Epitaxial Planar Transistor
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
   Silicon Epitaxial Planar Transistor
2SB709A_0712 BILIN-2SB709A_0712 Datasheet
190Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC1654_0712 BILIN-2SC1654_0712 Datasheet
268Kb / 4P
   Silicon Epitaxial Planar Transistor
2SC2411_0712 BILIN-2SC2411_0712 Datasheet
189Kb / 4P
   Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com