전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA10559 데이터시트(PDF) 4 Page - Ledil, Inc.

부품명 CA10559
상세설명  PMMA lens with ~16째 diffused spot beam optimized for Osram Golden Dragon .
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10559 데이터시트(HTML) 4 Page - Ledil, Inc.

  CA10559_18 Datasheet HTML 1Page - Ledil, Inc. CA10559_18 Datasheet HTML 2Page - Ledil, Inc. CA10559_18 Datasheet HTML 3Page - Ledil, Inc. CA10559_18 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PRODUCT
DATASHEET
CA10559_OSS-2-D
GENERAL INFORMATION:
NOTE: The typical beam angle will be changed by different color, chip size
and chip position tolerance. The typical total beam angle is the full angle
measured where the luminous intensity is half of the peak value.
MATERIALS:
As part of our continuous research and improvement processes, and to ensure
the best possible quality and availability of our products, LEDiL reserves the
right to change material grades without notice.
PRODUCT DATA USER AGREEMENT AND DISCLAIMER:
The measured data in the provided downloadable LEDiL Product Datasheets
and Mechanical 2D-Drawings is rounded and provided as reference for
planning. LEDiL Oy's optical specifications have been verified by conducting
performance testing of the products in accordance with the company's quality
system. The reported data are averaged results of multiple measurements with
typical variation. LEDiL Oy reserves the right to without prior notification make
changes and improvements to its products.
LEDiL Oy assumes neither warranty, nor guarantee nor any other liability of
any kind for the contents and correctness of the provided data. The provided
data has been generated with highest diligence but the provided data may in
reality not represent the complete possible variation range of all intrinsic
parameters. Therefore, in certain cases a deviation from the provided data
could occur.
LEDiL Oy reserves the right to undertake technical changes of its products
without further notification which could lead to changes in the provided data.
LEDiL Oy assumes no liability of any kind for the possible deviation from any
provided data or any other damage resulting from the usage of the provided
data.
The user agrees to this disclaimer and user agreement with the download or
usage of the provided files.
LEDiL Oy
Joensuunkatu 13
FI-24240 SALO
Finland
LEDiL Inc.
228 West Page Street
Suite D
Sycamore IL 60178
USA
Local sales and technical
support
www.ledil.com/
where_to_buy
Shipping locations
Salo, Finland
Hong Kong, China
Distribution Partners
www.ledil.com/
where_to_buy
Last update: 17/05/2018
Subject to change without prior notice
4/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


유사한 부품 번호 - CA10559_18

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CA10559 LEDIL-CA10559 Datasheet
226Kb / 4P
   Rose Assembly
More results

유사한 설명 - CA10559_18

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CA12046 LEDIL-CA12046_18 Datasheet
4Mb / 4P
   ~16째 diffused spot beam optimized for Osram Golden Dragon
FA10642 LEDIL-FA10642_18 Datasheet
2Mb / 5P
   ~16째 diffused spot beam optimized for Osram Golden Dragon
FA10300 LEDIL-FA10300_18 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized for Osram Golden Dragon . Assembly with white holder.
FCN11259 LEDIL-FCN11259_18 Datasheet
1Mb / 4P
   ~14째 diffused spot beam optimized for Osram Golden Dragon . 14.6 mm high assembly.
CA10561 LEDIL-CA10561_18 Datasheet
2Mb / 4P
   ~11째 spot beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10299 LEDIL-FA10299_18 Datasheet
3Mb / 4P
   ~11째 spot beam optimized for Osram Golden Dragon . Assembly with white holder.
CP11626 LEDIL-CP11626 Datasheet
1Mb / 4P
   ~15째 spot beam optimized for Golden Dragon
FA10643 LEDIL-FA10643_18 Datasheet
3Mb / 4P
   ~30째 medium beam optimized for Osram Golden Dragon
CA11848 LEDIL-CA11848_18 Datasheet
2Mb / 4P
   ~30째 medium beam optimized for Osram Golden Dragon
FCN11257 LEDIL-FCN11257_18 Datasheet
1Mb / 4P
   ~9.6째 spot beam optimized for Osram Golden Dragon . 14.6 mm high assembly.
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com