전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA10595 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 CA10595
상세설명  ~11째 spot beam optimized for Nichia NJSx036. Assembly with white holder.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA10595 데이터시트(HTML) 1 Page - Ledil, Inc.

  CA10595 Datasheet HTML 1Page - Ledil, Inc. CA10595 Datasheet HTML 2Page - Ledil, Inc. CA10595 Datasheet HTML 3Page - Ledil, Inc. CA10595 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA10595_NIS036-2-RS
NIS036-2-RS
~11° spot beam optimized for Nichia NJSx036.
Assembly with white holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
13 mm
Fastening
tape
Colour
white
Box size
451 x 254 x 152 mm
Box weight
0 kg
Quantity in Box
1440 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-RS
Lens
PMMA
clear
NIS036-HLD
Holder
PC
white
ROSE-TAPE
Tape
PU tape
black
Last update: 17/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


유사한 부품 번호 - CA10595

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CA10592 LEDIL-CA10592 Datasheet
1Mb / 4P
   ~30째 medium beam optimized for Nichia NJSx036. Assembly with white holder.
CA10593 LEDIL-CA10593 Datasheet
1Mb / 4P
   ~16째 diffused spot beam optimized for Nichia NJSx036. Assembly with white holder.
CA10594 LEDIL-CA10594 Datasheet
2Mb / 4P
   ~15째 smooth spot beam optimized for Nichia NJSx036. Assembly with white holder.
CA10596 LEDIL-CA10596 Datasheet
1Mb / 4P
   ~45째 x 15째 oval beam optimized for Nichia NJSx036. Assembly with white holder.
More results

유사한 설명 - CA10595

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
FCA10934 LEDIL-FCA10934 Datasheet
1Mb / 3P
   ~11째 spot beam optimized for Nichia NJSx036. Assembly with white holder.
CA10610 LEDIL-CA10610 Datasheet
2Mb / 4P
   ~11째 spot beam optimized for Nichia NS6x83. Assembly with white holder.
CA10593 LEDIL-CA10593 Datasheet
1Mb / 4P
   ~16째 diffused spot beam optimized for Nichia NJSx036. Assembly with white holder.
FCA10936 LEDIL-FCA10936 Datasheet
1Mb / 3P
   ~16째 diffused spot beam optimized for Nichia NJSx036. Assembly with white holder.
CA10594 LEDIL-CA10594 Datasheet
2Mb / 4P
   ~15째 smooth spot beam optimized for Nichia NJSx036. Assembly with white holder.
FCA10935 LEDIL-FCA10935 Datasheet
1Mb / 3P
   ~15째 smooth spot beam optimized for Nichia NJSx036. Assembly with white holder.
CA13621 LEDIL-CA13621 Datasheet
1Mb / 5P
   ~11째 spot beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
CA12124 LEDIL-CA12124 Datasheet
4Mb / 4P
   ~11째 spot beam optimized for Nichia NS6x83. Assembly with black holder.
FA10336 LEDIL-FA10336 Datasheet
2Mb / 4P
   ~11째 spot beam optimized for Nichia NS6x83. Assembly with white holder and installation tape.
CA10592 LEDIL-CA10592 Datasheet
1Mb / 4P
   ~30째 medium beam optimized for Nichia NJSx036. Assembly with white holder.
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com