전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-268K 데이터시트(PDF) 10 Page - Agilent(Hewlett-Packard)

부품명 HCPL-268K
상세설명  Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-268K 데이터시트(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-268K Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-268K Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-268K Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-268K Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-268K Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-268K Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-268K Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-268K Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-268K Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
GND
VCC
IF
5 V
VO
D.U.T.
Rm
INPUT
MONITORING
NODE
PULSE
GENERATOR
ZO = 50 Ω
tH = 5 ns
CL*
RL
* CLINCLUDES PROBE AND STRAY WIRING CAPACITANCE.
VO
0.01 µF
BYPASS
Figure 4. Test Circuit for tPHL and tPLH.*
VFF
GND
VCC
II
VCM
510
+5 V
OUTPUT VO
MONITORING
NODE
+–
PULSE GEN.
A
B
D.U.T.
0.01 µF
BYPASS
Figure 7. Test Circuit for Common Mode Transient Immunity
and Typical Waveforms.
Figure 6. Propagation Delay vs.
Temperature.
Figure 5. Propagation Delay, tPHL and
tPLH vs. Pulse Input Current, IFH
.


유사한 부품 번호 - HCPL-268K

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HCPL-2601 QT-HCPL-2601 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Broadcom Corporation.
HCPL-2601 BOARDCOM-HCPL-2601 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
Agilent(Hewlett-Packard...
HCPL-2601 HP-HCPL-2601 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
HCPL-2601 BOARDCOM-HCPL-2601 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2601 HP-HCPL-2601 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
More results

유사한 설명 - HCPL-268K

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-2672L AVAGO-ACPL-2672L Datasheet
147Kb / 11P
   Hermetically Sealed, 3.3V High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com