전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA12379 데이터시트(PDF) 6 Page - Ledil, Inc.

부품명 CA12379
상세설명  ~35째 15째 oval beam optimized for CREE XP-E. Assembly with holder and installation tape.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12379 데이터시트(HTML) 6 Page - Ledil, Inc.

Back Button CA12379_18 Datasheet HTML 2Page - Ledil, Inc. CA12379_18 Datasheet HTML 3Page - Ledil, Inc. CA12379_18 Datasheet HTML 4Page - Ledil, Inc. CA12379_18 Datasheet HTML 5Page - Ledil, Inc. CA12379_18 Datasheet HTML 6Page - Ledil, Inc. CA12379_18 Datasheet HTML 7Page - Ledil, Inc. CA12379_18 Datasheet HTML 8Page - Ledil, Inc. CA12379_18 Datasheet HTML 9Page - Ledil, Inc. CA12379_18 Datasheet HTML 10Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PRODUCT
DATASHEET
CA12379_TINA2-O
PHOTOMETRIC DATA (MEASURED):
LED
Oslon SSL 150
FWHM
38.0 + 13.0°
Efficiency
87 %
Peak intensity
3.700 cd/lm
Required components:
LED
Oslon SSL 150
FWHM
33.0 + 13.0°
Efficiency
86 %
Peak intensity
5.200 cd/lm
Required components:
LED
Oslon SSL 80
FWHM
35.0 + 12.0°
Efficiency
86 %
Peak intensity
3.800 cd/lm
Required components:
LED
SFH 4715S
FWHM
40.0 + 16.0°
Efficiency
%
Peak intensity
cd/lm
Required components:
Last update: 15/05/2018
Subject to change without prior notice
6/11
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


유사한 부품 번호 - CA12379_18

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CA12379 CREE-CA12379 Datasheet
1Mb / 20P
   Tina series
More results

유사한 설명 - CA12379_18

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CA11052 LEDIL-CA11052_18 Datasheet
3Mb / 7P
   ~35째 15째 oval beam optimized for CREE XP-E.
FA11200 LEDIL-FA11200 Datasheet
1Mb / 5P
   ~35째 x 15째 oval beam optimized for CREE XP-E
FA11870 LEDIL-FA11870_18 Datasheet
3Mb / 7P
   ~60째 40째 oval beam optimized for CREE XP-E. Assembly with holder and installation tape.
CA12404 LEDIL-CA12404_18 Datasheet
3Mb / 4P
   ~35째 15째 oval beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
FA11203 LEDIL-FA11203_18 Datasheet
3Mb / 6P
   ~35째 x 15째 oval beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
FA10838 LEDIL-FA10838_18 Datasheet
2Mb / 5P
   ~50째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA10887 LEDIL-FA10887_18 Datasheet
5Mb / 5P
   ~13째 spot beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11905 LEDIL-FA11905_18 Datasheet
3Mb / 7P
   ~13째 spot beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11824 LEDIL-FA11824_18 Datasheet
2Mb / 7P
   ~40째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11902 LEDIL-FA11902_18 Datasheet
4Mb / 6P
   ~40째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com