전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8133ACPZ-REEL 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8133ACPZ-REEL
상세설명  Triple Differential Driver With Output Pull-Down
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8133ACPZ-REEL 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8133ACPZ-REEL Datasheet HTML 4Page - Analog Devices AD8133ACPZ-REEL Datasheet HTML 5Page - Analog Devices AD8133ACPZ-REEL Datasheet HTML 6Page - Analog Devices AD8133ACPZ-REEL Datasheet HTML 7Page - Analog Devices AD8133ACPZ-REEL Datasheet HTML 8Page - Analog Devices AD8133ACPZ-REEL Datasheet HTML 9Page - Analog Devices AD8133ACPZ-REEL Datasheet HTML 10Page - Analog Devices AD8133ACPZ-REEL Datasheet HTML 11Page - Analog Devices AD8133ACPZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8133
Rev. 0 | Page 8 of 16
RL, dm = 1000Ω
RL, dm = 200Ω
VOUT, dm = 2V p-p
FREQUENCY (MHz)
–30
–40
–50
–60
–70
–90
–80
–100
–110
–120
0.1
1
10
100
Figure 12. Second Harmonic Distortion at VS = ±5 V at Various Loads
5ns/DIV
VS = ±5V
VOUT, dm = 200mV p-p
VS = +5V
200
100
50
0
–50
–100
–200
Figure 13. Small Signal Transient Response
for Various Power Supply Voltages
VOUT, dm
2
× V
IN, dm
100ns/DIV
10
8
6
4
2
0
–8
–6
–4
–2
–10
Figure 14. Overdrive Recovery
RL, dm = 1000Ω
RL, dm = 200Ω
VOUT, dm = 2V p-p
FREQUENCY (MHz)
–30
–40
–50
–60
–70
–90
–80
–100
–110
–130
–120
0.1
1
10
100
Figure 15. Third Harmonic Distortion at VS = ±5 V at Various Loads
5ns/DIV
VS = ±5V
VOUT, dm = 2V p-p
VS = +5V
1.0
0.5
0
–0.5
–1.0
Figure 16. Large Signal Transient Response
for Various Power Supply Voltages
+0.1%
–0.1%
t = 0
SETTLING TIME ERROR
2mV/DIV
VIN, dm
250mV/DIV
10ns/DIV
Figure 17. Settling Time (0.1%)


유사한 부품 번호 - AD8133ACPZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8133ACPZ-REEL AD-AD8133ACPZ-REEL Datasheet
486Kb / 16P
   Triple Differential Driver With Output Pull-Down
REV. 0
AD8133ACPZ-REEL AD-AD8133ACPZ-REEL Datasheet
400Kb / 17P
   Triple Differential Driver with Output Pull-Down
AD8133ACPZ-REEL7 AD-AD8133ACPZ-REEL7 Datasheet
486Kb / 16P
   Triple Differential Driver With Output Pull-Down
REV. 0
AD8133ACPZ-REEL7 AD-AD8133ACPZ-REEL7 Datasheet
400Kb / 17P
   Triple Differential Driver with Output Pull-Down
More results

유사한 설명 - AD8133ACPZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8133ACP-R2 AD-AD8133ACP-R2 Datasheet
486Kb / 16P
   Triple Differential Driver With Output Pull-Down
REV. 0
AD8133 AD-AD8133_15 Datasheet
486Kb / 16P
   Triple Differential Driver With Output Pull-Down
REV. 0
AD8133 AD-AD8133_16 Datasheet
400Kb / 17P
   Triple Differential Driver with Output Pull-Down
logo
IC-Haus GmbH
IC-HE ICHAUS-IC-HE Datasheet
371Kb / 6P
   TRIPLE DIFFERENTIAL LINE DRIVER
logo
Analog Devices
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
AD8134 AD-AD8134_15 Datasheet
455Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134 Datasheet
458Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
   VIDEO DIFFERENTIAL OUTPUT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com