전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7441BRM 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD7441BRM
상세설명  Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7441BRM 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD7441BRM Datasheet HTML 6Page - Analog Devices AD7441BRM Datasheet HTML 7Page - Analog Devices AD7441BRM Datasheet HTML 8Page - Analog Devices AD7441BRM Datasheet HTML 9Page - Analog Devices AD7441BRM Datasheet HTML 10Page - Analog Devices AD7441BRM Datasheet HTML 11Page - Analog Devices AD7441BRM Datasheet HTML 12Page - Analog Devices AD7441BRM Datasheet HTML 13Page - Analog Devices AD7441BRM Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
REV. PrC
PRELIMINARY TECHNICAL DATA
–10–
AD7451/AD7441
TITLE
0
0
0
00
0
00
00
6*,
TPC 1. SINAD vs Analog Input Frequency for Various
Supply Voltages
TPC 2 and TPC 3 shows the Power Supply Rejection
Ratio (see Terminology) versus VDD supply ripple fre-
quency for the AD7451/41 with and without power supply
decoupling respectively.
TITLE
0
0
0
00
0
00
00
6*,
TPC 2. PSRR vs. Supply Ripple Frequency without Supply
Decoupling
TITLE
0
0
0
00
0
00
00
6*,
TPC 3. PSRR vs. Supply Ripple Frequency with Supply
Decoupling of TBD
TITLE
0
0
0
00
0
00
00
6*,
TPC 4. THD vs. Analog Input Frequency for Various
Source Impedances
TITLE
0
0
0
00
0
00
00
6*,
TPC 5. THD vs. Analog Input Frequency for Various
Supply Voltages
PERFORMANCE CURVES
(Default Conditions: TA = 25°C, Fs = 1MSPS, FSCLK = 18MHz, VDD = 2.7 V to 5.25 V, VREF = 2.5 V)


유사한 부품 번호 - AD7441BRM

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7441BRMZ AD-AD7441BRMZ Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results

유사한 설명 - AD7441BRM

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7453 AD-AD7453 Datasheet
253Kb / 20P
   Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7453BRTZ-REEL7 AD-AD7453BRTZ-REEL7 Datasheet
531Kb / 20P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
logo
National Semiconductor ...
ADCS7476 NSC-ADCS7476 Datasheet
514Kb / 22P
   1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
logo
Analog Devices
AD7440 AD-AD7440 Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com