전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NZ2016SHB 데이터시트(PDF) 1 Page - NIHON DEMPA KOGYO

부품명 NZ2016SHB
상세설명  Low current consumption Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NDK [NIHON DEMPA KOGYO]
홈페이지  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NZ2016SHB 데이터시트(HTML) 1 Page - NIHON DEMPA KOGYO

  NZ2016SHB_18 Datasheet HTML 1Page - NIHON DEMPA KOGYO NZ2016SHB_18 Datasheet HTML 2Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Crystal Clock Oscillator
1803C_NZ2016SHB_32.768k_e
Absolute maximum rating
Supply Voltage (VCC) –0.3 to +4.5 V
Storage Temperature Range –55 to +125 °C
NZ2016SHB
Low current consumption Type (32.768kHz)
For Smartphone and Tablet computer etc
Application
Specifications
● Supports a wide temperature range from -40 to +125°C.
● Ultra compact and light. Dimensions : 2.0 x 1.6 x 0.7 mm, weight : 0.01 g.
● Quick oscillation start up time is available compared to our Tuning Fork Crystal.
● Conforms to AEC-Q200.
Features
Item
Model
NZ2016SHB
Output Specification
CMOS
Nominal Frequency
(kHz)
32.768
Overall Frequency Tolerance
(×10–6)
±100
±50
±30
Operating Temperature Range
(°C)
–40 to +125
–40 to +105
–40 to +85
Supply Voltage (VCC)
(V)
+1.8 to +3.3
Current
Consumption
Max.
During Operation +25 °C
(μA)
32
During Standby
+25 °C
(μA)
5
VOL Max. / VOH Min.
(V)
0.1 VCC / 0.9 VCC
Tr Max. / Tf Max.
(ns)
50 / 50 (at 0.1VCC to 0.9VCC)
Symmetry Min. to Max.
(%)
45 to 55 (at 0.5VCC)
Load (CL) Max.
(pF)
15
Start-up Time Max.
(ms)
20
Frequency Aging Max.
(×10–6)
±5 (+25°C, First year)
Standby function
Available (Three-state)
mm
mm
2.0±0.1
1.3±0.1
0.675±0.1
#1
#2
#3
#4
C0.20
Mount an approx. 0.01 F bypass capacitor between VCC and GND
(close to the product)
Terminal land connections
#1
#2
#3
#4
STAND-BY
GND
OUTPUT
VCC
Land pattern (Typical)
1.3
0.8
#4
#3
#2
#1
Cby=0.01F
Dimensions
0.9VCC
1/2VCC
0.1VCC
Tr
Tf
VOH
VOL
t
T
0V
Symmetry = t/T × 100
[%]
Output Waveform <CMOS>
#1 Input
#3 Output
Level H (0.7 VCC ≤ VIH ≤ VCC)
or OPEN is selected.
Oscillation output ON
Level L (VIL ≤ 0.3 VCC) is selected.
High impedance
Standby Function


유사한 부품 번호 - NZ2016SHB_18

제조업체부품명데이터시트상세설명
logo
NIHON DEMPA KOGYO
NZ2016SHB NDK-NZ2016SHB Datasheet
835Kb / 2P
   For Smartphone and Tablet computer etc
More results

유사한 설명 - NZ2016SHB_18

제조업체부품명데이터시트상세설명
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2520SJ NDK-NZ2520SJ Datasheet
740Kb / 1P
   Low current consumption Type
NZ3225SJ NDK-NZ3225SJ_18 Datasheet
827Kb / 1P
   Low current consumption Type
NZ2016SJ NDK-NZ2016SJ_18 Datasheet
857Kb / 1P
   Low current consumption Type
NZ2520SJ NDK-NZ2520SJ_18 Datasheet
835Kb / 1P
   Low current consumption Type
NZ1612SHB NDK-NZ1612SHB Datasheet
934Kb / 2P
   Low current consumption Type
NZ2016SJ NDK-NZ2016SJ Datasheet
761Kb / 1P
   Low current consumption Type
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com