전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCV857BI 데이터시트(PDF) 6 Page - Texas Instruments

부품명 CDCV857BI
상세설명  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDCV857BI 데이터시트(HTML) 6 Page - Texas Instruments

Back Button CDCV857BI Datasheet HTML 2Page - Texas Instruments CDCV857BI Datasheet HTML 3Page - Texas Instruments CDCV857BI Datasheet HTML 4Page - Texas Instruments CDCV857BI Datasheet HTML 5Page - Texas Instruments CDCV857BI Datasheet HTML 6Page - Texas Instruments CDCV857BI Datasheet HTML 7Page - Texas Instruments CDCV857BI Datasheet HTML 8Page - Texas Instruments CDCV857BI Datasheet HTML 9Page - Texas Instruments CDCV857BI Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CDCV857B, CDCV857BI
2.5V PHASELOCK LOOP CLOCK DRIVER
SCAS689 − FEBRUARY 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Without load
fO = 170 MHz
100
110
Without load
fO = 200 MHz
105
120
Differential outputs
terminated with
fO = 170 MHz
200
240
IDD
Dynamic current on VDDQ
terminated with
120
Ω/CL = 0 pF
fO = 200 MHz
210
250
mA
Differential outputs
terminated with
fO = 170 MHz
260
300
terminated with
120
Ω/CL = 14 pF
fO = 200 MHz
280
320
∆C
Part-to-part input capacitance
variation
VDDQ = 2.5 V, VI = VDDQ or GND
1
pF
CI(∆)
Input capacitance difference between
CLK and CLKB, FBIN, and FBINB
VDDQ = 2.5 V, VI = VDDQ or GND
0.25
pF
CO
Output capacitance
VDDQ = 2.5 V, VO = VDDQ or GND
2.5
3
3.5
pF
† All typical values are at a respective nominal VDDQ.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature
MIN
MAX
UNIT
fCLK
Operating clock frequency
60
200
MHz
fCLK
Application clock frequency
60
200
MHz
Input clock duty cycle
40%
60%
Stabilization time{ (PLL mode)
10
µs
Stabilization time} (Bypass mode)
30
ns
† The time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be obtained,
a fixed-frequency, fixed-phase reference signal must be present at CLK and VDD must be applied. Until phase lock is obtained, the specifications
for propagation delay, skew, and jitter parameters given in the switching characteristics table are not applicable. This parameter does not apply
for input modulation under SSC application.
‡ A recovery time is required when the device goes from power-down mode into bypass mode (AVDD at GND).
switching characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLHw
Low to high level propagation delay time
Test mode/CLK to any output
3.5
ns
tPHLw
High-to low level propagation delay time
Test mode/CLK to any output
3.5
ns
tjit(per)W
Jitter (period), See Figure 7
66 MHz
−60
60
ps
tjit(per)W
Jitter (period), See Figure 7
100/133/167/200 MHz
−35
35
ps
tjit(cc)W
Jitter (cycle-to-cycle), See Figure 4
66 MHz
−75
75
ps
tjit(cc)W
Jitter (cycle-to-cycle), See Figure 4
100/133/167/200 MHz
−50
50
ps
tjit(hper)W
Half-period jitter, See Figure 8
66 MHz
−100
100
ps
tjit(hper)W
Half-period jitter, See Figure 8
100/133/167/200 MHz
−75
75
ps
tslr(o)
Output clock slew rate, See Figure 9
Load: 120
Ω/14 pF
1
2
V/ns
t(Ø)
Static phase offset, See Figure 5
66 MHz
–100
100
ps
t(Ø)
Static phase offset, See Figure 5
100/133/167/200 MHz
–50
50
ps
tsk(o)
Output skew, See Figure 6
Load: 120
Ω/14 pF
70
100
ps
tr, tf
Output rise and fall times (20% − 80%)
Load: 120
Ω/14 pF
600
900
ps
§ Refers to the transition of the noninverting output.
¶ This parameter is assured by design but can not be 100% production tested.


유사한 부품 번호 - CDCV857BI

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCV857BI TI1-CDCV857BI Datasheet
769Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BIDGG TI1-CDCV857BIDGG Datasheet
771Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BIDGG TI1-CDCV857BIDGG Datasheet
769Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BIDGGG4 TI1-CDCV857BIDGGG4 Datasheet
771Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BIDGGG4 TI1-CDCV857BIDGGG4 Datasheet
769Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
More results

유사한 설명 - CDCV857BI

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCV857A TI1-CDCV857A_08 Datasheet
389Kb / 16P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCVF857 TI-CDCVF857 Datasheet
475Kb / 19P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857 RENESAS-HD74CDCV857 Datasheet
226Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857B TI1-CDCV857B_17 Datasheet
769Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDCV857 HITACHI-HD74CDCV857 Datasheet
61Kb / 15P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857A TI-CDCV857A Datasheet
190Kb / 14P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857A RENESAS-HD74CDCV857A Datasheet
244Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV855 TI-CDCV855 Datasheet
137Kb / 10P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV855 TI1-CDCV855_16 Datasheet
765Kb / 15P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857 TI1-CDCV857_08 Datasheet
352Kb / 14P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com