전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SZNUD3124DMT1G 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 SZNUD3124DMT1G
상세설명  Automotive Inductive Load Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNUD3124DMT1G 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button SZNUD3124DMT1G Datasheet HTML 2Page - ON Semiconductor SZNUD3124DMT1G Datasheet HTML 3Page - ON Semiconductor SZNUD3124DMT1G Datasheet HTML 4Page - ON Semiconductor SZNUD3124DMT1G Datasheet HTML 5Page - ON Semiconductor SZNUD3124DMT1G Datasheet HTML 6Page - ON Semiconductor SZNUD3124DMT1G Datasheet HTML 7Page - ON Semiconductor SZNUD3124DMT1G Datasheet HTML 8Page - ON Semiconductor SZNUD3124DMT1G Datasheet HTML 9Page - ON Semiconductor SZNUD3124DMT1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NUD3124, SZNUD3124
www.onsemi.com
7
Figure 10. On Resistance Variation versus
Junction Temperature
Figure 11. On Resistance Variation versus
Gate−to−Source Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
2.2
1.8
1.6
1.4
1.2
1.0
0.00
0.02
0.04
0.06
0.08
0.10
0.12
2.0
2.4
ID = 250 mA
0.01
0.1
1.0
10
100
1000
10,000
100,000
1,000,000
D = 0.5
0.2
0.1
0.05
0.02
SINGLE PULSE
0.01
Pd(pk)
t1
t2
DUTY CYCLE = t1/t2
PERIOD
PW
1.0
0.1
0.01
0.001
t1, PULSE WIDTH (ms)
Figure 12. Zener Clamp Voltage versus Zener
Current
IZ, ZENER CURRENT (mA)
10
1.0
0.1
32.0
32.5
33.0
33.5
34.0
34.5
35.0
100
1000
Figure 13. Transient Thermal Response for NUD3124LT1G
TJ, JUNCTION TEMPERATURE (°C)
75
50
25
0
−25
−50
400
600
800
1000
1200
1400
1800
125
100
ID = 0.25 A
VGS = 3.0 V
1600
ID = 0.15 A
VGS = 5.0 V
ID = 0.15 A
VGS = 3.0 V
0.14
0.16
0.18
0.20
125 °C
85 °C 25 °C
−40 °C
125 °C
85 °C
25 °C
−40 °C
35.5
36.0


유사한 부품 번호 - SZNUD3124DMT1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
SZNUD3124DMT1G ONSEMI-SZNUD3124DMT1G Datasheet
150Kb / 10P
   Automotive Inductive Load Driver
February, 2012 ??Rev. 12
More results

유사한 설명 - SZNUD3124DMT1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NUD3124 ONSEMI-NUD3124_05 Datasheet
89Kb / 9P
   Automotive Inductive Load Driver
November, 2005 ??Rev. 10
NUD3124 ONSEMI-NUD3124 Datasheet
80Kb / 10P
   Automotive Inductive Load Driver
June, 2004 ??Rev. 8
SZNUD3124DMT1G ONSEMI-SZNUD3124DMT1G Datasheet
150Kb / 10P
   Automotive Inductive Load Driver
February, 2012 ??Rev. 12
NUD3160 ONSEMI-NUD3160_V01 Datasheet
272Kb / 11P
   Industrial Inductive Load Driver
December, 2020 - Rev. 8
NUD3160 ONSEMI-NUD3160_16 Datasheet
157Kb / 10P
   Industrial Inductive Load Driver
October, 2016 ??Rev. 7
NUD3160 ONSEMI-NUD3160 Datasheet
85Kb / 9P
   Industrial Inductive Load Driver
November, 2005 ??Rev. 2
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3112 ONSEMI-NUD3112_05 Datasheet
75Kb / 7P
   Integrated Relay, Inductive Load Driver
November, 2005 ??Rev. 7
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105_15 Datasheet
375Kb / 10P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3105 ONSEMI-NUD3105_14 Datasheet
96Kb / 10P
   Integrated Relay, Inductive Load Driver
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com