전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SZNUD3160LT1G 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 SZNUD3160LT1G
상세설명  Industrial Inductive Load Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNUD3160LT1G 데이터시트(HTML) 4 Page - ON Semiconductor

  SZNUD3160LT1G Datasheet HTML 1Page - ON Semiconductor SZNUD3160LT1G Datasheet HTML 2Page - ON Semiconductor SZNUD3160LT1G Datasheet HTML 3Page - ON Semiconductor SZNUD3160LT1G Datasheet HTML 4Page - ON Semiconductor SZNUD3160LT1G Datasheet HTML 5Page - ON Semiconductor SZNUD3160LT1G Datasheet HTML 6Page - ON Semiconductor SZNUD3160LT1G Datasheet HTML 7Page - ON Semiconductor SZNUD3160LT1G Datasheet HTML 8Page - ON Semiconductor SZNUD3160LT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NUD3160, SZNUD3160
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain to Source Sustaining Voltage
(ID = 10 mA)
VBRDSS
61
66
70
V
Drain to Source Leakage Current
(VDS = 12 V, VGS = 0 V)
(VDS = 12 V, VGS = 0 V, TJ = 125°C)
(VDS = 60 V, VGS = 0 V)
(VDS = 60 V, VGS = 0 V, TJ = 125°C)
IDSS
0.5
1.0
50
80
mA
Gate Body Leakage Current
(VGS = 3.0 V, VDS = 0 V)
(VGS = 3.0 V, VDS = 0 V, TJ = 125°C)
(VGS = 5.0 V, VDS = 0 V)
(VGS = 5.0 V, VDS = 0 V, TJ = 125°C)
IGSS
60
80
90
110
mA
ON CHARACTERISTICS
Gate Threshold Voltage
(VGS = VDS, ID = 1.0 mA)
(VGS = VDS, ID = 1.0 mA, TJ = 125°C)
VGS(th)
1.3
1.3
1.8
2.0
2.0
V
Drain to Source On−Resistance
(ID = 150 mA, VGS = 3.0 V)
(ID = 150 mA, VGS = 3.0 V, TJ = 125°C)
(ID = 150 mA, VGS = 5.0 V)
(ID = 150 mA, VGS = 5.0 V, TJ = 125°C)
RDS(on)
2.4
3.7
1.8
2.9
W
Output Continuous Current
(VDS = 0.3 V, VGS = 5.0 V)
(VDS = 0.3 V, VGS = 5.0 V, TJ = 125°C)
IDS(on)
150
100
200
mA
Forward Transconductance
(VDS = 12 V, ID = 150 mA)
gFS
400
mmho
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 12 V, VGS = 0 V, f = 10 kHz)
Ciss
30
pf
Output Capacitance
(VDS = 12 V, VGS = 0 V, f = 10 kHz)
Coss
14
pf
Transfer Capacitance
(VDS = 12 V, VGS = 0 V, f = 10 kHz)
Crss
6.0
pf
SWITCHING CHARACTERISTICS
Propagation Delay Times:
High to Low Propagation Delay; Figure 2, (VDS = 12 V, VGS = 3.0 V)
Low to High Propagation Delay; Figure 2, (VDS = 12 V, VGS = 3.0 V)
High to Low Propagation Delay; Figure 2, (VDS = 12 V, VGS = 5.0 V)
Low to High Propagation Delay; Figure 2, (VDS = 12 V, VGS = 5.0 V)
tPHL
tPLH
tPHL
tPLH
918
798
331
1160
ns
Transition Times:
Fall Time; Figure 2, (VDS = 12 V, VGS = 3.0 V)
Rise Time; Figure 2, (VDS = 12 V, VGS = 3.0 V)
Fall Time; Figure 2, (VDS = 12 V, VGS = 5.0 V)
Rise Time; Figure 2, (VDS = 12 V, VGS = 5.0 V)
tf
tr
tf
tr
2290
618
622
600
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


유사한 부품 번호 - SZNUD3160LT1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
SZNUD3160LT1G ONSEMI-SZNUD3160LT1G Datasheet
272Kb / 11P
   Industrial Inductive Load Driver
December, 2020 - Rev. 8
More results

유사한 설명 - SZNUD3160LT1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NUD3160 ONSEMI-NUD3160_V01 Datasheet
272Kb / 11P
   Industrial Inductive Load Driver
December, 2020 - Rev. 8
NUD3160 ONSEMI-NUD3160 Datasheet
85Kb / 9P
   Industrial Inductive Load Driver
November, 2005 ??Rev. 2
NUD3124 ONSEMI-NUD3124_05 Datasheet
89Kb / 9P
   Automotive Inductive Load Driver
November, 2005 ??Rev. 10
NUD3124 ONSEMI-NUD3124_16 Datasheet
165Kb / 10P
   Automotive Inductive Load Driver
October, 2016 ??Rev. 13
NUD3124 ONSEMI-NUD3124 Datasheet
80Kb / 10P
   Automotive Inductive Load Driver
June, 2004 ??Rev. 8
SZNUD3124DMT1G ONSEMI-SZNUD3124DMT1G Datasheet
150Kb / 10P
   Automotive Inductive Load Driver
February, 2012 ??Rev. 12
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3112 ONSEMI-NUD3112_05 Datasheet
75Kb / 7P
   Integrated Relay, Inductive Load Driver
November, 2005 ??Rev. 7
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105_15 Datasheet
375Kb / 10P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3105 ONSEMI-NUD3105_14 Datasheet
96Kb / 10P
   Integrated Relay, Inductive Load Driver
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com