전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XZMOK53W-8ST 데이터시트(PDF) 3 Page - SunLED Corporation

부품명 XZMOK53W-8ST
상세설명  1.6 x 0.8 mm SMD Chip LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNLED [SunLED Corporation]
홈페이지  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZMOK53W-8ST 데이터시트(HTML) 3 Page - SunLED Corporation

  XZMOK53W-8ST Datasheet HTML 1Page - SunLED Corporation XZMOK53W-8ST Datasheet HTML 2Page - SunLED Corporation XZMOK53W-8ST Datasheet HTML 3Page - SunLED Corporation XZMOK53W-8ST Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part Number: XZMOK53W-8ST
1.6 x 0.8 mm SMD Chip LED Lamp
Jun 01,2017
XDSB8566 V1-X Layout: Maggie L.
P. 3/4
The device has a single mounting surface.
The device must be mounted according to
the specifications.
Reel Dimension
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Tape Specification (Units : mm)
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


유사한 부품 번호 - XZMOK53W-8ST

제조업체부품명데이터시트상세설명
logo
SunLED Corporation
XZMOK53W-8 SUNLED-XZMOK53W-8 Datasheet
258Kb / 4P
   Long life and robust package
More results

유사한 설명 - XZMOK53W-8ST

제조업체부품명데이터시트상세설명
logo
Kingbright Corporation
APHD1608LSYCK KINGBRIGHT-APHD1608LSYCK Datasheet
306Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
APHD1608LVBC-D KINGBRIGHT-APHD1608LVBC-D Datasheet
305Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
APHD1608LZGCK KINGBRIGHT-APHD1608LZGCK Datasheet
303Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
APT1608SYCK-AMT KINGBRIGHT-APT1608SYCK-AMT Datasheet
327Kb / 5P
   1.6 x 0.8 mm SMD Chip LED Lamp
APT1608PGW KINGBRIGHT-APT1608PGW Datasheet
265Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
KPT-1608SURCK TO-GRACE-KPT-1608SURCK Datasheet
879Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
KP-1608SURCK TO-GRACE-KP-1608SURCK Datasheet
846Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
APT1608SECK-J3-PRV TO-GRACE-APT1608SECK-J3-PRV Datasheet
817Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
APT1608SURCK-AMT TO-GRACE-APT1608SURCK-AMT Datasheet
989Kb / 5P
   1.6 x 0.8 mm SMD Chip LED Lamp
KPHM-1608VBC-D TO-GRACE-KPHM-1608VBC-D Datasheet
860Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
KPHM-1608SYCK TO-GRACE-KPHM-1608SYCK Datasheet
847Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com