전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54062701400 데이터시트(PDF) 8 Page - Sumida Corporation

부품명 54062701400
상세설명  SMT Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

54062701400 데이터시트(HTML) 8 Page - Sumida Corporation

  54062701400 Datasheet HTML 1Page - Sumida Corporation 54062701400 Datasheet HTML 2Page - Sumida Corporation 54062701400 Datasheet HTML 3Page - Sumida Corporation 54062701400 Datasheet HTML 4Page - Sumida Corporation 54062701400 Datasheet HTML 5Page - Sumida Corporation 54062701400 Datasheet HTML 6Page - Sumida Corporation 54062701400 Datasheet HTML 7Page - Sumida Corporation 54062701400 Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
EmpfohleneStrombelastbarkeitI
B/IN,85°C
inAbhängigkeitvonderUmgebungstemperaturT
a
Recommended Current-carrying capacity I
op / IR, 85 °C
dependingontheambienttemperatureT
a
0
0,2
0,4
0,6
0,8
1
1,2
0
20
40
60
80
100
120
140
Ta [°C ]
Ferrit
Ferrite
Keramik
Ceramic
Elektrische Eigenschaften
Baugröße 0603 / Serie 5406
drahtgewickelt
Electrical Characteristics
Size 0603 / Series 5406
wire-wound
-31-


유사한 부품 번호 - 54062701400

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
54062701400 SUMIDA-54062701400 Datasheet
230Kb / 7P
   0603 (1608) drahtgewickelt (AgPd/Ni/Sn Metallisierung)
54062701400 SUMIDA-54062701400 Datasheet
1Mb / 8P
   HR-Serie SMT Chipinduktivit채ten
More results

유사한 설명 - 54062701400

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
5403 SUMIDA-5403 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM453232-R10KL BOURNS-CM453232-R10KL Datasheet
269Kb / 3P
   SMT Chip Inductors
logo
Sumida Corporation
5408 SUMIDA-5408 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45_11 Datasheet
449Kb / 9P
   SMT Chip Inductors
PM1210-1R0J-RC BOURNS-PM1210-1R0J-RC Datasheet
263Kb / 4P
   SMT Chip Inductors
PM1210 BOURNS-PM1210 Datasheet
267Kb / 4P
   SMT Chip Inductors
logo
Sumida Corporation
5309 SUMIDA-5309 Datasheet
1Mb / 10P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45 Datasheet
419Kb / 7P
   SMT Chip Inductors
logo
Sumida Corporation
5308 SUMIDA-5308 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5208 SUMIDA-5208 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com