전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

5408270300 데이터시트(HTML) 5 Page - Sumida Corporation

부품명 5408270300
상세내용  SMT Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo 

5408270300 데이터시트(HTML) 5 Page - Sumida Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 8 page
 5 / 8 page
background image
Bestellhinweise
Baugröße 0805 / Serie 5408, 5508
drahtgewickelt
Ordering Instructions
Size 0805 / Series 5408, 5508
wire-wound
Bestellbeispiel / Ordering examples:
Chipspule / Chip Coil 0805, 270 nH, Tol. 5 %
Metallisierung /
Metallization AgPd/Ni/Sn
vergossen, gegurtet (3.000 Stück) /
coated, taped & reeled (3.000 pcs.) =
5408 271 3400
Chipspule / Chip Coil 0805, 2200 nH, Tol. 10 %
Metallisierung /
Metallization AgPdPt
vergossen, gegurtet (3.000 Stück) /
coated, taped & reeled (3.000 pcs.) =
5508 222 2400
5*08 27 0 * 4 **
Bezeichnung /
Designation
(Baugröße 0805 /
Size 0805)
Induktivität L /
Inductance L
Multiplikator für L: 10x
Multiplier for L: 10x
(Beispiel /
example 27 nH)
Induktivitäts-Toleranz
Inductance Tolerance
1 ± 20 %
2 ± 10 %
3 ± 5 %
4 ± 2 %
4 vergossen, gegurtet
coated, taped & reeled
Verpackungseinheit gegurtet
packing unit taped & reeled
00 Rollen Ø 180 mm - 3.000 Stück
Reels Ø 180 mm - 3.000 pcs.
03 Rollen Ø 330 mm - 10.000 Stück
Reels Ø 330 mm - 10.000 pcs.
05 Rollen Ø 180 mm - 500 Stück
Reels Ø 180 mm - 500 pcs.
Metallisierung /
Metallization
4 AgPd/Ni/Sn
5 AgPdPt (nicht magn.
/ non magnetic)
Erklärung des Artikelnummern-Schlüssels
Explanation of Part Code
- 36 -


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn