전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FKPF5N80 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FKPF5N80
상세설명  Bi-Directional Triode Thyristor Planar Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FKPF5N80 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FKPF5N80 Datasheet HTML 1Page - Fairchild Semiconductor FKPF5N80 Datasheet HTML 2Page - Fairchild Semiconductor FKPF5N80 Datasheet HTML 3Page - Fairchild Semiconductor FKPF5N80 Datasheet HTML 4Page - Fairchild Semiconductor FKPF5N80 Datasheet HTML 5Page - Fairchild Semiconductor FKPF5N80 Datasheet HTML 6Page - Fairchild Semiconductor FKPF5N80 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. A, April 2004
Typical Curves (Continues)
Figure 7. Allowable Ambient Temperature
vs Rms On-state Current
Figure 8. Allowable Case Temperature
vs Rms On-state Current
Figure 9. Maximum On-state Power Dissipation
Figure 10. Repetitive Peak Off-state Current
vs Junction Temperature
Figure 11. Holding Current vs
Junction Temperature
Figure 12. Laching Current vs
Junction Temperature
01234
567
0
20
40
60
80
100
120
140
160
NO HEAT SINK
30 ×30 ×2 mm AL HEAT SINK
50 ×50 ×2 mm AL HEAT SINK
70 ×70 ×2 mm AL HEAT SINK
100 × 100 × 2 mm AL HEAT SINK
RMS ON-STATE CURRENT [A]
01
23
45
67
0
20
40
60
80
100
120
140
160
360
o
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
CURVES APPLY REGARDLESS
OF CONDUCTION ANGLE
RMS ON-STATE CURRENT [A]
0
123
45
678
9
10
0
2
4
6
8
10
12
360
o
CONDUCTION
RESISTIVE,
INDUCTIVE
LOADS
RMS ON-STATE CURRNT [A]
-60
-40
-20
0
20
40
60
80
100
120
140
10
2
10
3
10
4
10
5
TYPICAL EXAMPLE
JUNCTION TEMPERATURE [
oC]
-60
-40
-20
0
20
40
60
80
100
120
140
10
100
1000
JUNCTION TEMPERATURE [
oC]
-60
-40
-20
0
20
40
60
80
100
120
140
10
100
1000
I
LⅠ, ILⅡ
I
LⅢ
JUNCTION TEMPERATURE [
oC]


유사한 부품 번호 - FKPF5N80

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FKPF10N80 FAIRCHILD-FKPF10N80 Datasheet
171Kb / 7P
   Application Explanation
FKPF12N60 FAIRCHILD-FKPF12N60 Datasheet
131Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKPF12N80 FAIRCHILD-FKPF12N80 Datasheet
170Kb / 7P
   Application Explanation
FKPF12N80 FAIRCHILD-FKPF12N80 Datasheet
131Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKPF2N80 FAIRCHILD-FKPF2N80 Datasheet
136Kb / 7P
   Application Explanation(Switching mode power supply, light dimmer, electric flasher unit, hair drier)
More results

유사한 설명 - FKPF5N80

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FKN2L80 FAIRCHILD-FKN2L80 Datasheet
155Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKPF12N60 FAIRCHILD-FKPF12N60 Datasheet
131Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKPF3N80 FAIRCHILD-FKPF3N80 Datasheet
143Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
FKN2L60 FAIRCHILD-FKN2L60 Datasheet
127Kb / 7P
   Bi-Directional Triode Thyristor Planar Silicon
logo
Toshiba Semiconductor
SM8LZ47 TOSHIBA-SM8LZ47 Datasheet
214Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM6JZ47 TOSHIBA-SM6JZ47 Datasheet
235Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM6J45 TOSHIBA-SM6J45 Datasheet
232Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM12G45 TOSHIBA-SM12G45 Datasheet
196Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM3GZ47 TOSHIBA-SM3GZ47 Datasheet
212Kb / 5P
   TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com