전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54032702400 데이터시트(PDF) 2 Page - Sumida Corporation

부품명 54032702400
상세설명  SMT Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

54032702400 데이터시트(HTML) 2 Page - Sumida Corporation

  54032702400 Datasheet HTML 1Page - Sumida Corporation 54032702400 Datasheet HTML 2Page - Sumida Corporation 54032702400 Datasheet HTML 3Page - Sumida Corporation 54032702400 Datasheet HTML 4Page - Sumida Corporation 54032702400 Datasheet HTML 5Page - Sumida Corporation 54032702400 Datasheet HTML 6Page - Sumida Corporation 54032702400 Datasheet HTML 7Page - Sumida Corporation 54032702400 Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Allgemeine Eigenschaften und
technische Informationen zu den
drahtgewickelten SMD-Spulen
Baugröße 1206 / Serie 5403, 5503
General Characterisitics and
Technical Information of
wire-wound SMD Inductors
Size 1206 / Series 5403, 5503
Symbol
Symbol
Kernmaterial / Core
Material
Keramik /
Ceramic
Ferrit /
Ferrite
Induktivität
L
3,3 ... 1200 nH
1,5 ... 18 µH
Inductance
Toleranz
-
2/5/10/20 % 1)
2/5/10/20 % 1)
Tolerance
Minimale Güte
Q
min
30 ... 45
25 ... 16
Minimum Q-factor
Eigenresonanzfrequenz
f
res , min
> 5000 ... 430 MHz
260 ... 95 MHz
Self resonance frequency
Max. Gleichstromwiderstand
R
DC, max
40 ... 3200 m
1200 ... 9000 m
Max. DC resistance
Nennstrom (bez. auf 85 °C)
I
N
1000 ... 220 mA 2)
320 ... 130 mA 2)
Nominal Current (ref. To 85 °C)
Zulässiger Betriebstemperaturbereich
-
- 55 ... 125° C
permissable operating temperature range
1)
Standard-Toleranzen - engere Toleranzen auf Anfrage
Standard tolerances - tighter tolerances on request
2)
Nennstrom (max) bis 85° C Umgebungstemperatur
maximum rated current at ambient temperature 85° C
Die Baugröße 1206
ist in zwei verschiedenen Metalli-
sierungen erhältlich und für die Pad Layouts 1206 und
1210 geeignet.
The Size 1206 is available in two various metallizations
and is suitable for pad layouts 1206 and 1210.
- 49 -


유사한 부품 번호 - 54032702400

제조업체부품명데이터시트상세설명
logo
Festo Corporation.
540327 FESTO-540327 Datasheet
89Kb / 2P
   Connecting cable
4/20/22
More results

유사한 설명 - 54032702400

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CM453232-R10KL BOURNS-CM453232-R10KL Datasheet
269Kb / 3P
   SMT Chip Inductors
logo
Sumida Corporation
5408 SUMIDA-5408 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45_11 Datasheet
449Kb / 9P
   SMT Chip Inductors
PM1210-1R0J-RC BOURNS-PM1210-1R0J-RC Datasheet
263Kb / 4P
   SMT Chip Inductors
logo
Sumida Corporation
5406 SUMIDA-5406 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
PM1210 BOURNS-PM1210 Datasheet
267Kb / 4P
   SMT Chip Inductors
logo
Sumida Corporation
5309 SUMIDA-5309 Datasheet
1Mb / 10P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45 Datasheet
419Kb / 7P
   SMT Chip Inductors
logo
Sumida Corporation
5308 SUMIDA-5308 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5208 SUMIDA-5208 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com