전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54062704400 데이터시트(PDF) 4 Page - Sumida Corporation

부품명 54062704400
상세설명  SMT Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

54062704400 데이터시트(HTML) 4 Page - Sumida Corporation

  54062704400 Datasheet HTML 1Page - Sumida Corporation 54062704400 Datasheet HTML 2Page - Sumida Corporation 54062704400 Datasheet HTML 3Page - Sumida Corporation 54062704400 Datasheet HTML 4Page - Sumida Corporation 54062704400 Datasheet HTML 5Page - Sumida Corporation 54062704400 Datasheet HTML 6Page - Sumida Corporation 54062704400 Datasheet HTML 7Page - Sumida Corporation 54062704400 Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Elektrische Eigenschaften
Baugröße 0603 / Serie 5406
drahtgewickelt
Electrical Characteristics
Size 0603 / Series 5406
wire-wound
Artikel-Nr.
OrderNo.
L
Q
min
Q
typ
f
L,Q
f
res,min
R
DC,max
I
rated,max
Tol.
[nH]
@800MHz
[MHz]
[MHz]
[mΩ]
[mA]
[%]
5406 015 *4 00
1,5
22
45
250
6000
25
1000
10/20
5406 018 *4 00
1,8
22
35
250
6000
35
900
10/20
5406 033 *4 00
3,3
30
55
250
6000
40
800
10/20
5406 036 *4 00
3,6
35
50
250
6000
35
900
10/20
5406 039 *4 00
3,9
35
50
250
6000
35
900
10/20
5406 047 *4 00
4,7
28
45
250
6000
75
620
10/20
5406 056 *4 00
5,6
35
60
250
6000
40
840
5/10/20
5406 068 *4 00
6,8
40
70
250
5600
35
890
5/10/20
5406 082 *4 00
8,2
40
55
250
5500
60
700
5/10/20
5406 087 *4 00
8,7
35
70
250
5300
60
700
5/10/20
5406 100 *4 00
10
45
80
250
5000
45
780
2/5/10/20
5406 120 *4 00
12
40
70
250
4100
90
560
2/5/10/20
5406 150 *4 00
15
45
80
250
3300
55
710
2/5/10/20
5406 180 *4 00
18
45
75
250
3700
90
560
2/5/10/20
5406 220 *4 00
22
45
70
250
3100
135
450
2/5/10/20
5406 270 *4 00
27
45
70
250
2900
115
500
2/5/10/20
5406 330 *4 00
33
45
70
250
2550
115
490
2/5/10/20
5406 390 *4 00
39
45
65
250
2150
120
480
2/5/10/20
5406 470 *4 00
47
40
55
200
2050
200
380
2/5/10/20
5406 560 *4 00
56
40
50
200
2000
290
310
2/5/10/20
5406 680 *4 00
68
40
50
200
1700
360
280
2/5/10/20
5406 820 *4 00
82
35
60
150
1700
590
220
2/5/10/20
5406 101 *4 00
100
35
50
150
1550
890
180
2/5/10/20
5406 121 *4 00
120
35
50
150
1300
1100
160
2/5/10/20
5406 151 *4 00
150
30
40
100
1200
1200
150
2/5/10/20
5406 181 *4 00
180
30
35
100
1150
1300
140
2/5/10/20
5406 221 *4 00
220
30
30
100
1050
1900
120
2/5/10/20
5406 271 *4 00
270
30
-
100
990
2100
115
2/5/10/20
5406 331 *4 00
330
30
-
100
890
2900
95
2/5/10/20
5406 391 *4 00
390
30
-
100
810
4000
80
2/5/10/20
5496 471 *4 00
470
30
-
100
700
6200
80
2/5/10/20
5406 471 *4 00
470
12
-
7,9
650
400
460
2/5/10/20
5406 561 *4 00
560
12
-
7,9
535
410
360
2/5/10/20
5406 681 *4 00
680
12
-
7,9
510
580
330
2/5/10/20
5406 821 *4 00
820
12
-
7,9
470
780
320
2/5/10/20
5406 102 *4 00
1000
12
-
7,9
400
1100
280
2/5/10/20
5406 122 *4 00
1200
12
-
7,9
390
1160
230
2/5/10/20
5406 152 *4 00
1500
12
-
7,9
340
1580
220
2/5/10/20
5406 182 *4 00
1800
12
-
7,9
310
2340
190
2/5/10/20
5406 222 *4 00
2200
12
-
7,9
280
3320
185
2/5/10/20
5406 272 *4 00
2700
12
-
7,9
260
4000
180
2/5/10/20
MusterkastenBestellnummer:54060000100
Bestücktmitje10StückdergänigstenTypen.
SampleKitPartNumber:54060000100
Containsaselection-10pcs.eachofvarioustypes.
-27-


유사한 부품 번호 - 54062704400

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
54062704400 SUMIDA-54062704400 Datasheet
230Kb / 7P
   0603 (1608) drahtgewickelt (AgPd/Ni/Sn Metallisierung)
54062704400 SUMIDA-54062704400 Datasheet
1Mb / 8P
   HR-Serie SMT Chipinduktivit채ten
More results

유사한 설명 - 54062704400

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
5403 SUMIDA-5403 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM453232-R10KL BOURNS-CM453232-R10KL Datasheet
269Kb / 3P
   SMT Chip Inductors
logo
Sumida Corporation
5408 SUMIDA-5408 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45_11 Datasheet
449Kb / 9P
   SMT Chip Inductors
PM1210-1R0J-RC BOURNS-PM1210-1R0J-RC Datasheet
263Kb / 4P
   SMT Chip Inductors
PM1210 BOURNS-PM1210 Datasheet
267Kb / 4P
   SMT Chip Inductors
logo
Sumida Corporation
5309 SUMIDA-5309 Datasheet
1Mb / 10P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45 Datasheet
419Kb / 7P
   SMT Chip Inductors
logo
Sumida Corporation
5308 SUMIDA-5308 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5208 SUMIDA-5208 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com