전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

540627022T0 데이터시트(HTML) 2 Page - Sumida Corporation

부품명 540627022T0
상세내용  HR-Serie SMT Chipinduktivitäten
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo 

540627022T0 데이터시트(HTML) 2 Page - Sumida Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 8 page
 2 / 8 page
background image
1)
Standard-Toleranzen-engereToleranzenaufAnfrage
Standardtolerances-tightertolerancesonrequest
2)
Nennstrom(max)bis85°CUmgebungstemperatur
maximumratedcurrentatambienttemperature85°C
Symbol
Symbol
Kernmaterial/CoreMaterial
Keramik
/Ceramic
Ferrit/Ferrite
Induktivität
L
1,5...390nH
470...2700nH
Inductance
Toleranz
-
2/5/10/20%1)
5/10/20%1)
Tolerance
MinimaleGüte
Q
min
22...45
12
MinimumQ-factor
Eigenresonanzfrequenz
f
res,min
>6000...810MHz
650...260MHz
Selfresonancefrequency
Max.Gleichstromwiderstand
R
DC,max
25...4000m
400...4000m
Max.DCresistance
Nennstrom(bez.auf85°C)
I
N
1000...80mA2)
460...180mA2)
NominalCurrent(ref.To85°C)
ZulässigerBetriebstemperaturbereich
permissableoperatingtemperaturerange
vergossen/
withcoating
-
-55...125°C
unvergossen/
withoutcoating
-
-55...180°C(L>15nH)
Technische Informationen
Baugröße 0603
HR SMT Serie 54X6
Technical Details
Size 0603
HR SMT Series 54X6
-107-


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn