전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD-G5AP 데이터시트(PDF) 8 Page - OSRAM GmbH

부품명 LD-G5AP
상세설명  white P-LCC-4 package, colorless clear silicone resin, clear silicone lens
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD-G5AP 데이터시트(HTML) 8 Page - OSRAM GmbH

Back Button LD-G5AP Datasheet HTML 4Page - OSRAM GmbH LD-G5AP Datasheet HTML 5Page - OSRAM GmbH LD-G5AP Datasheet HTML 6Page - OSRAM GmbH LD-G5AP Datasheet HTML 7Page - OSRAM GmbH LD-G5AP Datasheet HTML 8Page - OSRAM GmbH LD-G5AP Datasheet HTML 9Page - OSRAM GmbH LD-G5AP Datasheet HTML 10Page - OSRAM GmbH LD-G5AP Datasheet HTML 11Page - OSRAM GmbH LD-G5AP Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LD G5AP, LT G5AP
2009-10-13
8
Durchlassstrom
2) Seite 18
Forward Current
2) page 18
I
F = f (VF); TA = 25 °C
solid line: specified DC-range
Relative Lichtstärke
2) 5) Seite 18
Relative Luminous Intensity
2) 5) page 18
I
V/IV(100 mA) = f (IF); TA = 25 °C; true green
solid line: specified DC-range
Relative Strahlstärke
2) 5) Seite 18
Relative Radiant Intensity
2) 5) page 18
I
E/IE(100 mA) = f (IF); TA = 25 °C; deep blue
solid line: specified DC-range
OHL03809
mA
2.5
F
V
F
I
V
2.7 2.9 3.1 3.3 3.5 3.7
4.1
103
2
10
5
1
10
5
OHL03804
I
F
10
1
510
2
10
mA
3
101
-1
10
5
100
(100 mA)
V
I
V
I
OHL03805
I
F
10
1
510
2
10
mA
3
101
-1
10
5
100
(100 mA)
E
I
E
I


유사한 부품 번호 - LD-G5AP

제조업체부품명데이터시트상세설명
logo
Rohm
LD-001 ROHM-LD-001 Datasheet
55Kb / 2P
   Flat displays
logo
Axiomtek Co., Ltd.
LD-057 AXIOMTEK-LD-057 Datasheet
156Kb / 1P
   5.7 Industrial Open Frame LCD Monitor
LD-065 AXIOMTEK-LD-065 Datasheet
187Kb / 1P
   Flexible, low cost and high performance
LD-070 AXIOMTEK-LD-070 Datasheet
152Kb / 1P
   7 Industrial Open Frame LCD Monitor
LD-084 AXIOMTEK-LD-084 Datasheet
198Kb / 1P
   8.4 Industrial Open Frame LCD Monitor
More results

유사한 설명 - LD-G5AP

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LDG5AP OSRAM-LDG5AP Datasheet
606Kb / 18P
   white P-LCC-4 package, colorless clear silicone resin, clear silicone lens
LS-E6SF OSRAM-LS-E6SF Datasheet
475Kb / 18P
   white P-LCC-4 package, colorless clear silicone resin
LRG5AP OSRAM-LRG5AP Datasheet
905Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LA-G5AP OSRAM-LA-G5AP Datasheet
915Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LR-G5AP OSRAM-LR-G5AP Datasheet
905Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LY-G5AP OSRAM-LY-G5AP Datasheet
910Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LRW5AM OSRAM-LRW5AM Datasheet
625Kb / 16P
   white SMD package, colorless clear silicone resin, clear silicone lens
LR-W5AM OSRAM-LR-W5AM Datasheet
625Kb / 16P
   white SMD package, colorless clear silicone resin, clear silicone lens
LMW-G5AP OSRAM-LMW-G5AP Datasheet
396Kb / 17P
   white P-LCC-4 package, clear silicone resin
LMWG5AP OSRAM-LMWG5AP Datasheet
396Kb / 17P
   white P-LCC-4 package, clear silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com