์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

540827032T3 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Sumida Corporation

๋ถ€ํ’ˆ๋ช… 540827032T3
์ƒ์„ธ๋‚ด์šฉ  HR-Series SMT Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SUMIDA [Sumida Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.sumida.com
Logo 

540827032T3 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Sumida Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 8 page
 4 / 8 page
background image
Elektrische Eigenschaften
BaugrรถรŸe 0805
HR SMT Serie 54X8, 55X8
Electrical Characteristics
Size 0805
HR SMT Series 54X8, 55X8
Artikel-Nr.
OrderNo.
L
Q
min
Q
typ
f
L,Q
f
res,min
R
DC,max
I
N,max
Tol.
[nH]
@800MHz
[MHz]
[MHz]
[mโ„ฆ]
[mA]
[%]
5**8020****
2,7
20
50
250
6000
30
1000
20
5**8050****
5,6
25
60
250
6000
40
900
10/20
5**8060****
6,8
30
70
250
5500
50
800
10/20
5**8080****
8,2
35
75
250
5000
60
700
20
5**8100****
10
40
80
250
4500
60
700
5/10/20
5**8120****
12
40
85
250
4000
60
700
5/10/20
5**8150****
15
40
85
250
3500
70
670
5/10/20
5**8180****
18
45
90
250
3300
70
670
5/10/20
5**8220****
22
45
85
250
2600
90
600
5/10/20
5**8270****
27
50
90
250
2500
90
600
5/10/20
5**8330****
33
45
80
250
2150
120
520
5/10/20
5**8390****
39
50
90
250
2050
100
560
5/10/20
5**8470****
47
45
85
200
1900
130
500
2/5/10/20
5**8560****
56
45
60
200
1700
140
480
2/5/10/20
5**8680****
68
45
60
200
1550
190
410
2/5/10/20
5**8820****
82
40
60
150
1430
210
390
2/5/10/20
5**8101****
100
40
50
150
1310
260
350
2/5/10/20
5**8121****
120
40
45
150
1210
440
270
2/5/10/20
5**8151****
150
35
40
100
1120
440
270
2/5/10/20
5**8181****
180
35
30
100
1030
470
260
2/5/10/20
5**8221****
220
35
-
100
950
550
240
2/5/10/20
5**8271****
270
35
-
100
870
1000
180
2/5/10/20
5**8331****
330
35
-
100
800
1000
180
2/5/10/20
5**8391****
390
35
-
100
730
1900
130
2/5/10/20
5**8471****
470
35
-
100
660
2400
115
2/5/10/20
5**8561****
560
35
-
100
600
3200
100
2/5/10/20
5**8681****
680
20
-
25,2
450
500
250
5/10/20
5**8821****
820
20
-
25,2
400
550
240
5/10/20
5**8102****
1000
20
-
7,96
350
500
250
5/10/20
5**8122****
1200
20
-
7,96
300
650
220
5/10/20
5**8152****
1500
20
-
7,96
250
750
200
5/10/20
5**8182****
1800
20
-
7,96
250
850
190
5/10/20
5**8222****
2200
20
-
7.96
200
1700
130
5/10/20
5**8272****
2700
20
-
7,96
200
2000
120
5/10/20
5**8332****
3300
20
-
7,96
200
3300
100
5/10/20
5**8392****
3900
20
-
7.96
150
3600
95
5/10/20
MusterkastenaufAnfrage/SampleKitonrequest
-117-


Html Pages

1  2  3  4  5  6  7  8 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn