전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB-W5SN 데이터시트(PDF) 11 Page - OSRAM GmbH

부품명 LB-W5SN
상세설명  white SMD package, colorless clear silicone resin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-W5SN 데이터시트(HTML) 11 Page - OSRAM GmbH

Back Button LB-W5SN Datasheet HTML 7Page - OSRAM GmbH LB-W5SN Datasheet HTML 8Page - OSRAM GmbH LB-W5SN Datasheet HTML 9Page - OSRAM GmbH LB-W5SN Datasheet HTML 10Page - OSRAM GmbH LB-W5SN Datasheet HTML 11Page - OSRAM GmbH LB-W5SN Datasheet HTML 12Page - OSRAM GmbH LB-W5SN Datasheet HTML 13Page - OSRAM GmbH LB-W5SN Datasheet HTML 14Page - OSRAM GmbH LB-W5SN Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Released
LD W5SN, LB W5SN, LT W5SN
2008-05-19
11
Dominante Wellenlänge
2) Seite 20
Dominant Wavelength
2) page 20
deep blue
,
λ
dom = f (IF); TA = 25 °C
Dominante Wellenlänge
2) Seite 20
Dominant Wavelength
2) page 20
true green
,
λ
dom = f (IF); TA = 25 °C
Dominante Wellenlänge
2) Seite 20
Dominant Wavelength
2) page 20
blue
,
λ
dom = f (IF); TA = 25 °C
I
OHL02675
dom
λ
0
mA
nm
F
200
400
600
800
1000
452.5
455
457.5
460
465
I
OHL02615
520
dom
λ
0
mA
nm
F
200
400
600
800
1000
525
530
535
540
545
550
560
I
OHL02614
dom
λ
0
mA
nm
F
200
400
600
800
1000
467.5
470
472.5
475
480


유사한 부품 번호 - LB-W5SN

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LB-W5SG OSRAM-LB-W5SG Datasheet
623Kb / 16P
   white SMD package, colorless clear silicone resin
LB-W5SM OSRAM-LB-W5SM Datasheet
1Mb / 22P
   white SMD package, colorless clear silicone resin
More results

유사한 설명 - LB-W5SN

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
LD-MVSG OSRAM-LD-MVSG Datasheet
671Kb / 21P
   white SMD package, colorless clear silicone resin
LB-W5SG OSRAM-LB-W5SG Datasheet
623Kb / 16P
   white SMD package, colorless clear silicone resin
LD-W5SM OSRAM-LD-W5SM Datasheet
1Mb / 22P
   white SMD package, colorless clear silicone resin
LT-MTSG OSRAM-LT-MTSG Datasheet
1Mb / 21P
   white SMD package, colorless clear silicone resin
LDW5SM-4S4T-35 OSRAM-LDW5SM-4S4T-35 Datasheet
643Kb / 21P
   white SMD package, colorless clear silicone resin
LAW5SM-JYKY-24-1 OSRAM-LAW5SM-JYKY-24-1 Datasheet
615Kb / 21P
   white SMD package, colorless clear silicone resin
LB-W5SM OSRAM-LB-W5SM Datasheet
1Mb / 22P
   white SMD package, colorless clear silicone resin
LR-W5SM OSRAM-LR-W5SM Datasheet
611Kb / 21P
   white SMD package, colorless clear silicone resin
LY-W5SM OSRAM-LY-W5SM Datasheet
645Kb / 21P
   white SMD package, colorless clear silicone resin
LT-W5SM OSRAM-LT-W5SM Datasheet
1Mb / 22P
   white SMD package, colorless clear silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com