전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54082703405 데이터시트(PDF) 2 Page - Sumida Corporation

부품명 54082703405
상세설명  HR-Series SMT Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

54082703405 데이터시트(HTML) 2 Page - Sumida Corporation

  54082703405 Datasheet HTML 1Page - Sumida Corporation 54082703405 Datasheet HTML 2Page - Sumida Corporation 54082703405 Datasheet HTML 3Page - Sumida Corporation 54082703405 Datasheet HTML 4Page - Sumida Corporation 54082703405 Datasheet HTML 5Page - Sumida Corporation 54082703405 Datasheet HTML 6Page - Sumida Corporation 54082703405 Datasheet HTML 7Page - Sumida Corporation 54082703405 Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technische Informationen
Baugröße 0805
HR SMT Serie 54X8, 55X8
Technical Details
Size 0805
HR SMT Series 54X8, 55X8
1)
Standard-Toleranzen-engereToleranzenaufAnfrage
Standardtolerances-tightertolerancesonrequest
2)
Nennstrom(max)bis85°CUmgebungstemperatur
maximumratedcurrentatambienttemperature85°C
Symbol
Symbol
Kernmaterial/Core
Material
Keramik
/Ceramic
Ferrit/Ferrite
Induktivität
L
2,7...560nH
680...3900nH
Inductance
Toleranz
-
2/5/10/20%1)
5/10/20%1)
Tolerance
MinimaleGüte
Q
min
20...50
20
MinimumQ-factor
Eigenresonanzfrequenz
f
res,min
>6000...600MHz
450...150MHz
Selfresonancefrequency
Max.Gleichstromwiderstand
R
DC,max
30...3200m
500...3600m
Max.DCresistance
Nennstrom(bez.auf85°C)
I
N
1000...100mA2)
250...95mA2)
NominalCurrent(ref.To85°C)
ZulässigerBetriebstemperaturbereich
permissableoperatingtemperaturerange
vergossen/
withcoating
-
-55...125°C
unvergossen/
withoutcoating
-
-55...180°C(L>15nH)
-115-


유사한 부품 번호 - 54082703405

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
5408270300 SUMIDA-5408270300 Datasheet
1Mb / 8P
   SMT Chip Inductors
5408270303 SUMIDA-5408270303 Datasheet
1Mb / 8P
   SMT Chip Inductors
5408270305 SUMIDA-5408270305 Datasheet
1Mb / 8P
   SMT Chip Inductors
More results

유사한 설명 - 54082703405

제조업체부품명데이터시트상세설명
logo
Sumida Corporation
54X6 SUMIDA-54X6 Datasheet
1Mb / 8P
   HR-Serie SMT Chipinduktivit채ten
5308 SUMIDA-5308 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5208 SUMIDA-5208 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
5206 SUMIDA-5206 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
5303 SUMIDA-5303 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5403 SUMIDA-5403 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM453232-R10KL BOURNS-CM453232-R10KL Datasheet
269Kb / 3P
   SMT Chip Inductors
logo
Sumida Corporation
5408 SUMIDA-5408 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45_11 Datasheet
449Kb / 9P
   SMT Chip Inductors
PM1210-1R0J-RC BOURNS-PM1210-1R0J-RC Datasheet
263Kb / 4P
   SMT Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com