전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

540827022T5 데이터시트(HTML) 6 Page - Sumida Corporation

부품명 540827022T5
상세내용  HR-Series SMT Chip Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SUMIDA [Sumida Corporation]
홈페이지  http://www.sumida.com
Logo 

540827022T5 데이터시트(HTML) 6 Page - Sumida Corporation

   
Zoom Inzoom in Zoom Outzoom out
/ 8 page
 6 / 8 page
background image
Elektrische Eigenschaften
Baugröße 0805
HR SMT Serie 54X8, 55X8
Electrical Characteristics
Size 0805
HR SMT Series 54X8, 55X8
GüteQüberFrequenzf
Q-Factorvs.Frequencyf
Spule auf Keramikkörper
InduktivitätLüberFrequenzf
InductanceLvs.Frequencyf
Coil on ceramic body
-10
-5
0
5
10
15
20
10
100
1000
10000
f [MHz]
560 nH
270 nH
100 nH
68 nH
39 nH
6,8 nH
2,7 nH
0
20
40
60
80
100
120
10
100
1000
10000
f [MHz]
33 nH
120 nH
390 nH
68 nH
1.5 nH
-119-


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn