전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AK4132 데이터시트(PDF) 18 Page - Asahi Kasei Microsystems

부품명 AK4132
상세설명  96kHz 24bit Sample Rate Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AKM [Asahi Kasei Microsystems]
홈페이지  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4132 데이터시트(HTML) 18 Page - Asahi Kasei Microsystems

Back Button AK4132 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 15Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 16Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 17Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 18Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 19Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 20Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 21Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 22Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
[AK4132]
015015036-E-03
2018/05
- 18 -
(3) SDTO data output becomes enabled.
(4) The statuses of the CM, ODIF and IDIF pins should be changed while the PDN pin=
“L”.
Case2:
ILRCK and OLRCK are not input when the PDN pin=
“H”
Case 2
External clocks
(Input port)
SDTI
SDTO
(Internal state) Power-down
Normal
operation
Ratio detection
& GD
< 20.2ms
Normal data
(No Clock)
External clocks
(Output port)
PDN
Power-down
Don
’t care
Don
’t care
Don
’t care
“0” data
LDO Up
Input Clocks
Input Data
Output Clocks
“0” data
(Don
’t care)
(Don
’t care)
(3)
wait ILRCK
(1)
(2)
(4)
LDO: Internal Regurator
GD: Group Delay
<5ms
Figure 16. System Reset Case2
Note:
(1) The SDTO pin output is “L” when the PDN pin= “L”.
(2) The internal regulator is powered up by PDN pin = “H” and wait for ILRCK and OLRCK.
(3) SRC circuit is powered up and sampling frequency ratio detection starts when ILRCK and OLRCK
are input. SDTO output starts after group delay period when the frequency ratio detection is
completed. Until then, the SDTO output is
“L”. The time until SDTO output becomes enabled after
ILRCK and OLRCK input is 20.2msec (Max.).
(4) SDTO output becomes enabled.


유사한 부품 번호 - AK4132

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK4132VT AKM-AK4132VT Datasheet
1Mb / 27P
   96 kHz 24bit Sample Rate Converter
More results

유사한 설명 - AK4132

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK4133VN AKM-AK4133VN Datasheet
2Mb / 28P
   192kHz 24bit Sample Rate Converter
AK4133 AKM-AK4133 Datasheet
1Mb / 29P
   192kHz 24bit Sample Rate Converter
AK4132VT AKM-AK4132VT Datasheet
1Mb / 27P
   96 kHz 24bit Sample Rate Converter
AKD5381-B AKM-AKD5381-B Datasheet
173Kb / 20P
   24bit 96kHz A/D converter
AKD5384 AKM-AKD5384_05 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
   digital audio 24bit 96kHz A/D converter
AKD5358A-B AKM-AKD5358A-B Datasheet
196Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD4363 AKM-AKD4363_05 Datasheet
381Kb / 34P
   96kHz 24bit D/A converter with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com