전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AK5522 데이터시트(PDF) 16 Page - Asahi Kasei Microsystems

부품명 AK5522
상세설명  Differential Input Stereo 32-bit ADC with Excellent PSRR
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AKM [Asahi Kasei Microsystems]
홈페이지  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5522 데이터시트(HTML) 16 Page - Asahi Kasei Microsystems

Back Button AK5522 Datasheet HTML 12Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 13Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 14Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 15Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 16Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 17Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 18Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 19Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 20Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
[AK5522]
017002311-E-00
2017/03
- 16 -
10. DC Characteristics
(Ta=
40 - 105C; AVDD=3.0 - 3.6V or 4.5 - 5.5V, DVDD=3.0 - 3.6V or 1.7 - 1.98V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
DVDD=1.7V - 1.98V
High-Level Input Voltage
(Note 14)
Low-Level Input Voltage
(Note 14)
VIH
VIL
80%DVDD
-
-
-
-
20% DVDD
V
V
DVDD=3.0V - 3.6V
High-Level Input Voltage
(Note 14)
Low-Level Input Voltage
(Note 14)
VIH
VIL
70% DVDD
-
-
-
-
30% DVDD
V
V
High-Level Output Voltage
(Note 15)
(Iout=
100µA)
Low-Level Output Voltage
(Note 15)
(Iout= 100µA)
Low-Level Output Voltage
(Note 16)
(DVDD=1.7V - 1.98V: Iout=3mA)
(DVDD=3.0V - 3.6V: Iout=3mA)
VOH
VOL
VOL
DVDD
0.5
-
-
-
-
-
-
-
-
0.5
20% DVDD
0.4
V
V
V
V
Input Leakage Current
(Note 14)
Iin
-
-
10
A
Note 14. PDN, SD, LRCK (Slave mode), BICK (Slave mode), MCLK (Input), PSN, CKS0/TDMI, CKS1,
CKS2/SCL, CKS3/SDA (Input), DIF
Note 15. SDTO, LRCK (Master mode), BICK (Master mode), MCLK (Output)
Note 16. SDA (Output)


유사한 부품 번호 - AK5522

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
More results

유사한 설명 - AK5522

제조업체부품명데이터시트상세설명
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
AK5397 AKM-AK5397 Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5397EQ AKM-AK5397EQ Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com