전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTM4676A 데이터시트(PDF) 87 Page - Linear Technology

부품명 LTM4676A
상세설명  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTM4676A 데이터시트(HTML) 87 Page - Linear Technology

Back Button LTM4676A Datasheet HTML 83Page - Linear Technology LTM4676A Datasheet HTML 84Page - Linear Technology LTM4676A Datasheet HTML 85Page - Linear Technology LTM4676A Datasheet HTML 86Page - Linear Technology LTM4676A Datasheet HTML 87Page - Linear Technology LTM4676A Datasheet HTML 88Page - Linear Technology LTM4676A Datasheet HTML 89Page - Linear Technology LTM4676A Datasheet HTML 90Page - Linear Technology LTM4676A Datasheet HTML 91Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 136 page
background image
LTM4676A
87
4676afa
For more information www.linear.com/LTM4676A
PAGE_PLUS_READ
The PAGE_PLUS_READ command provides the ability to set the page within a device, send a command and then read
the data returned by the command, all in one communication packet .
The value stored in the PAGE command is not affected by PAGE_PLUS_READ. If PAGE_PLUS_READ is used to access
data from a non-paged command, the Page Number byte is ignored.
This command uses Block Write – Block Read Process Call protocol. An example of the PAGE_PLUS_READ command
with PEC is shown in Figure 64.
NOTE: PAGE_PLUS commands cannot be nested. A PAGE_PLUS command cannot be used to read or write another
PAGE_PLUS command. If this is attempted, the LTM4676A will NACK the entire PAGE_PLUS packet and issue a CML
fault for Invalid/Unsupported Data.
WRITE_PROTECT
The WRITE_PROTECT command is used to control writing to the LTM4676A device. This command does not indicate
the status of the WP pin which is defined in the MFR_COMMON command. The WP pin takes precedence over the
value of this command unless the WRITE_PROTECT command is more stringent.
BYTE MEANING
0x80 Disable all writes except to the WRITE_PROTECT, PAGE, MFR_
EE_UNLOCK and STORE_USER_ALL command
0x40 Disable all writes except to the WRITE_PROTECT, PAGE,
MFR_EE_UNLOCK, MFR_CLEAR_PEAKS, STORE_USER_ALL,
OPERATION and CLEAR_FAULTS command. individual fault
bits can be cleared by writing a 1 to the respective bits in the
STATUS registers.
0x20 Disable all writes except to the WRITE_PROTECT, OPERATION,
MFR_EE_UNLOCK, MFR_CLEAR_PEAKS, CLEAR_FAULTS,
PAGE, ON_OFF_CONFIG, VOUT_COMMAND and STORE_USER_
ALL. Individual fault bits can be cleared by writing a 1 to the
respective bits in the STATUS registers.
0x10 Reserved, must be 0
0x08 Reserved, must be 0
0x04 Reserved, must be 0
0x02 Reserved, must be 0
0x01 Reserved, must be 0
Enable writes to all commands when WRITE_PROTECT is set to 0x00.
This command has one data byte.
appenDix c: pMbus coMManD DeTails
Figure 64. Example of PAGE_PLUS_READ
P
1
SLAVE
ADDRESS
PAGE_PLUS
COMMAND CODE
BLOCK COUNT
(= 2)
W A
A
S
7
8
8
1
PAGE
NUMBER
8
1
1 1
1
1
A
A
COMMAND
CODE
8
1
A
SLAVE
ADDRESS
BLOCK COUNT
(= 2)
LOWER DATA
BYTE
R A
A
Sr
7
8
8
1
UPPER DATA
BYTE
8
1
1 1
1
1
A
A
PEC BYTE
8
1
NA
4676A F58


유사한 부품 번호 - LTM4676A

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
2Mb / 116P
   60V Dual Output Step-Up Controller with Digital Power System Management
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
logo
Analog Devices
LTM4676A AD-LTM4676A Datasheet
3Mb / 118P
   Dual Loop 8-Phase Step-Down DC/DC Controller with Digital Power System Management
Rev. B
logo
Linear Technology
LTM4676A LINER-LTM4676A Datasheet
911Kb / 22P
   PolyPhase Step-Down Slave Controller for Digital Power System Management
More results

유사한 설명 - LTM4676A

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
   Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4620 LINER-LTM4620 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
   Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
   Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
   Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
logo
Linear Technology
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
   26A Step-Down 關Module Regulator with PMBus Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
   Dual 9A or Single 18A Module Regulator with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com