전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTM8049 데이터시트(PDF) 14 Page - Linear Technology

부품명 LTM8049
상세설명  Dual SEPIC or Inverting 關Module DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTM8049 데이터시트(HTML) 14 Page - Linear Technology

Back Button LTM8049 Datasheet HTML 10Page - Linear Technology LTM8049 Datasheet HTML 11Page - Linear Technology LTM8049 Datasheet HTML 12Page - Linear Technology LTM8049 Datasheet HTML 13Page - Linear Technology LTM8049 Datasheet HTML 14Page - Linear Technology LTM8049 Datasheet HTML 15Page - Linear Technology LTM8049 Datasheet HTML 16Page - Linear Technology LTM8049 Datasheet HTML 17Page - Linear Technology LTM8049 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTM8049
14
8049fa
For more information www.linear.com/LTM8049
APPLICATIONS INFORMATION
4. Place the CIN and COUT capacitors such that their
ground current flow directly adjacent or underneath
the LTM8049.
5. Connect all of the GND connections to as large a copper
pour or plane area as possible on the top layer. Avoid
breaking the ground connection between the external
components and the LTM8049.
6. Use vias to connect the GND copper area to the board’s
internal ground planes. Liberally distribute these GND
vias to provide both a good ground connection and
thermal path to the internal planes of the printed circuit
board. Pay attention to the location and density of the
thermal vias in Figure 2. The LTM8049 can benefit from
theheat-sinkingaffordedbyviasthatconnecttointernal
GND planes at these locations, due to their proximity
to internal power handling components. The optimum
number of thermal vias depends upon the printed
circuit board design. For example, a board might use
very small via holes. It should employ more thermal
vias than a board that uses larger holes.
Hot-Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of LTM8049. However, these capacitors
can cause problems if the LTM8049 is plugged into a live
input supply (see Application Note 88 for a complete dis-
cussion). The low loss ceramic capacitor combined with
stray inductance in series with the power source forms an
underdamped tank circuit, and the voltage at the VIN pin
of the LTM8049 can ring to more than twice the nominal
inputvoltage,possiblyexceedingtheLTM8049’sratingand
damaging the part. If the input supply is poorly controlled
or the user will be plugging the LTM8049 into an energized
supply,theinputnetworkshouldbedesignedtopreventthis
overshoot. This can be accomplished by installing a small
resistor in series to VIN, but the most popular method of
controlling input voltage overshoot is to add an electrolytic
bulk capacitor to the VINnet.Thiscapacitor’srelativelyhigh
equivalentseriesresistancedampsthecircuitandeliminates
the voltage overshoot. The extra capacitor improves low
frequency ripple filtering and can slightly improve the ef-
ficiency of the circuit, though it is physically large.
Thermal Considerations
The LTM8049 output current may need to be derated if
it is required to operate in a high ambient temperature or
deliver a large amount of continuous power. The amount
of current derating is dependent upon the input voltage,
output power and ambient temperature. The temperature
rise curves given in the Typical Performance Character-
istics section can be used as a guide. These curves were
generated by a LTM8049 mounted to a 58cm2 4-layer FR4
printed circuit board. Boards of other sizes and layer count
can exhibit different thermal behavior, so it is incumbent
upon the user to verify proper operation over the intended
system’sline,loadandenvironmentaloperatingconditions.
The thermal resistance numbers listed in Page 2 of the
data sheet are based on modeling the µModule package
mounted on a test board specified per JESD51-9 (Test
Boards for Area Array Surface Mount Package Thermal
Measurements). The thermal coefficients provided in this
page are based on JESD 51-12 (Guidelines for Reporting
and Using Electronic Package Thermal Information).
Forincreasedaccuracyandfidelitytotheactualapplication,
many designers use FEA to predict thermal performance.
To that end, Page 2 of the data sheet typically gives four
thermal coefficients:
θJA: Thermal resistance from junction to ambient
θJCbottom: Thermal resistance from junction to the bottom
of the product case
θJCtop: Thermal resistance from junction to top of the
product case
θJB:Thermalresistancefromjunctiontotheprintedcircuit
board.
While the meaning of each of these coefficients may seem
to be intuitive, JEDEC has defined each to avoid confusion
and inconsistency. These definitions are given in JESD
51-12, and are quoted or paraphrased below:
θJA is the natural convection junction-to-ambient air
thermal resistance measured in a one cubic foot sealed
enclosure. This environment is sometimes referred to as


유사한 부품 번호 - LTM8049

제조업체부품명데이터시트상세설명
logo
Linear Integrated Syste...
LTM8049 LINEAR-LTM8049 Datasheet
1Mb / 18P
   Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8049 LINER-LTM8049 Datasheet
1Mb / 34P
   EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
LTM8049 LINER-LTM8049 Datasheet
1Mb / 32P
   EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
LTM8049 LINER-LTM8049 Datasheet
646Kb / 20P
   15V, 4A Step-Up 關Module Regulator
LTM8049 LINER-LTM8049 Datasheet
896Kb / 20P
   2.8VIN to 40VIN Isolated 關Module DC/DC Converter
More results

유사한 설명 - LTM8049

제조업체부품명데이터시트상세설명
logo
Linear Integrated Syste...
LTM8049 LINEAR-LTM8049 Datasheet
1Mb / 18P
   Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8045 LINER-LTM8045 Datasheet
327Kb / 22P
   Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter
LTM8045 LINER-LTM8045_15 Datasheet
289Kb / 22P
   Inverting or SEPIC Module DC/DC Converter with Up to 700mA Output Current
LT8582 LINER-LT8582_15 Datasheet
454Kb / 36P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter with Fault Protection
LTM8008 LINER-LTM8008 Datasheet
245Kb / 16P
   72VIN, 6 Output DC/DC SEPIC 關Module Regulator
logo
Monolithic Power System...
MP6003 MPS-MP6003 Datasheet
820Kb / 15P
   Monolithic Flyback/SEPIC DC-DC Converter
logo
Linear Dimensions Semic...
LTM4628IVPBF LINEAR_DIMENSIONS-LTM4628IVPBF Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4662 LINER-LTM4662 Datasheet
581Kb / 34P
   Dual 15A or Single 30A DC/DC 關Module Regulator
LTM4650 LINER-LTM4650 Datasheet
720Kb / 34P
   Dual 25A or Single 50A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com