전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTS3125EJ 데이터시트(PDF) 18 Page - Infineon Technologies AG

부품명 BTS3125EJ
상세설명  Smart Low-Side Power Switch
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3125EJ 데이터시트(HTML) 18 Page - Infineon Technologies AG

Back Button BTS3125EJ Datasheet HTML 14Page - Infineon Technologies AG BTS3125EJ Datasheet HTML 15Page - Infineon Technologies AG BTS3125EJ Datasheet HTML 16Page - Infineon Technologies AG BTS3125EJ Datasheet HTML 17Page - Infineon Technologies AG BTS3125EJ Datasheet HTML 18Page - Infineon Technologies AG BTS3125EJ Datasheet HTML 19Page - Infineon Technologies AG BTS3125EJ Datasheet HTML 20Page - Infineon Technologies AG BTS3125EJ Datasheet HTML 21Page - Infineon Technologies AG BTS3125EJ Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
Datasheet
18
Rev. 1.0
2016-09-12
HITFET - BTS3125EJ
Smart Low-Side Power Switch
Protection Functions
6
Protection Functions
The device provides embedded protection functions. Integrated protection functions are designed to prevent
IC destruction under fault conditions described in the datasheet. Fault conditions are considered as “outside”
normal operation. Protection functions are not designed for continuous repetitive operation.
6.1
Over Voltage Clamping on OUTput
The BTS3125EJ is equipped with a voltage clamp circuitry that keeps the drain-source (output to GND) voltage
VDSat a certain level VOUT(CLAMP). The over voltage clamping is overruling the other protection functions. Power
dissipation has to be limited to not exceed the maximum allowed junction temperature.
This function is also used in terms of inductive clamping. Please see also Chapter 5.3.1 for more details.
6.2
Thermal Protection
The device is protected against over temperature due to overload and / or bad cooling conditions. To ensure
this a temperature sensor is located in the power MOSFET.
The BTS3125EJ has a thermal protection function with automatic restart. After the device has switched off due
to over temperature the device will stay off until the junction temperature has dropped down below the
thermal hysteresis “Thermal Protection” on Page 18.
Figure 14
Thermal protective switch OFF scenario with thermal restart
The device also features a digital feedback on the dedicated status pin. This feedback is latched and can be
read out easily by the microcontroller. Please see “Diagnostics” on Page 21 for details on this feedback.
6.3
Short Circuit Protection / Current limitation
The condition short circuit is an overload condition to the device. If the load current reaches the limitation
value of IL(LIM) the device limits the current and therefore will start heating up. When the thermal shutdown
temperature is reached, the device turns off.
The time from the beginning of current limitation until the over temperature switch off depends strongly on
the cooling conditions.
IN
0V
5V
t
Thermal shutdown
t
Tj
TJ(SD)
ΔT
J(SD)_HYS
Thermal _fault_restart.emf
VOUT
VBAT
t
Thermal restart


유사한 부품 번호 - BTS3125EJ

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS3125TF INFINEON-BTS3125TF Datasheet
1Mb / 39P
   Smart Low-Side Power Switch
Rev. 1.0 2016-06-01
More results

유사한 설명 - BTS3125EJ

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com