전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTS7020-2EPA 데이터시트(PDF) 7 Page - Infineon Technologies AG

부품명 BTS7020-2EPA
상세설명  Smart High-Side Power Switch
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7020-2EPA 데이터시트(HTML) 7 Page - Infineon Technologies AG

Back Button BTS7020-2EPA Datasheet HTML 3Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 4Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 5Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 6Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 7Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 8Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 9Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 10Page - Infineon Technologies AG BTS7020-2EPA Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
Data Sheet
7
Rev. 1.00
2017-08-24
BTS7020-2EPA
PROFETTM+2
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings - General
Table 3
Absolute Maximum Ratings1)
TJ = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Supply pins
Power Supply Voltage
VS
-0.3
28
V
P_4.1.0.1
Load Dump Voltage
VBAT(LD)
35
V
suppressed
Load Dump
acc. to
ISO16750-2
(2010).
Ri = 2 Ω
P_4.1.0.3
Supply Voltage for Short Circuit
Protection
VBAT(SC)
0–
24
V
Setup acc. to
AEC-Q100-012
P_4.1.0.25
Reverse Polarity Voltage
-VBAT(REV)
––
16
V
t ≤ 2 min
TA = +25 °C
Setup as
described in
Chapter 10
P_4.1.0.5
Current through GND Pin
IGND
-50
50
mA
RGND according
to Chapter 10
P_4.1.0.9
Logic & control pins (Digital Input = DI)
DI = INn, DEN, DSEL
Current through DI Pin
IDI
-1
2
mA
2)
P_4.1.0.14
Current through DI Pin
Reverse Battery condition
IDI
-1
10
mA
2)
t ≤ 2 min
P_4.1.0.36
IS pin
Voltage at IS Pin
VIS
-1.5
VS
V
IIS = 10 μA
P_4.1.0.16
Current through IS Pin
IIS
-25
IIS(SAT),M
AX
mA
P_4.1.0.18
Temperatures
Junction Temperature
TJ
-40
150
°C
P_4.1.0.19
Storage Temperature
TSTG
-55
150
°C
P_4.1.0.20
ESD Susceptibility


유사한 부품 번호 - BTS7020-2EPA

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS7020-2EPA INFINEON-BTS7020-2EPA Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
More results

유사한 설명 - BTS7020-2EPA

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com