전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTS7040-2EPA 데이터시트(PDF) 13 Page - Infineon Technologies AG

부품명 BTS7040-2EPA
상세설명  Smart High-Side Power Switch
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7040-2EPA 데이터시트(HTML) 13 Page - Infineon Technologies AG

Back Button BTS7040-2EPA Datasheet HTML 9Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 10Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 11Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 12Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 13Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 14Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 15Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 16Page - Infineon Technologies AG BTS7040-2EPA Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
Data Sheet
13
Rev. 1.00
2017-08-24
BTS7040-2EPA
PROFETTM+2
Logic Pins
5
Logic Pins
The device has 4 digital pins for direct control.
5.1
Input Pins (INn)
The input pins IN0, IN1 activate the corresponding output channel. The input circuitry is compatible with 3.3V
and 5V micro controller. The electrical equivalent of the input circuitry is shown in Figure 11. In case the pin
is not used, it must be connected with a 10 kΩ resistor either to GND pin or to module ground.
Figure 11 Input circuitry
The logic thresholds for “low” and “high” states are defined by parameters VDI(TH) and VDI(HYS). The relationship
between these two values is shown in Figure 12. The voltage VIN needed to ensure a “high” state is always
higher than the voltage needed to ensure a “low” state.
Figure 12 Input Threshold voltages and hysteresis
GND
IN
IGND
IDI
VDI
Input_IN_INTDIO.emf
VS
VS(CLAMP)
IDI
ESD
VDI(CLAMP)
Input_VDITH_2.emf
VDI(TH),MAX
VDI(HYS)
t
VDI
VDI(TH),MIN
Internal channel
activation signal
t
0
x
1
x
0
VDI(TH)


유사한 부품 번호 - BTS7040-2EPA

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS7040-2EPA INFINEON-BTS7040-2EPA Datasheet
4Mb / 34P
   Customer evaluation kit description
Rev. 1.10 2022-06-24
More results

유사한 설명 - BTS7040-2EPA

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com