전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTS50020-1TAD 데이터시트(PDF) 26 Page - Infineon Technologies AG

부품명 BTS50020-1TAD
상세설명  Smart High-Side Power Switch
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50020-1TAD 데이터시트(HTML) 26 Page - Infineon Technologies AG

Back Button BTS50020-1TAD Datasheet HTML 22Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 23Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 24Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 25Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 26Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 27Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 28Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 29Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
Data Sheet
26
Rev. 1.1
2017-03-28
BTS50020-1TAD
Smart High-Side Power Switch
Functional Description
Figure 22 Reverse Polarity Protection with External Components
5.3.6
Overload Protection
In case of overload, high inrush current or short circuit to ground, the BTS50020-1TAD offers several protection
mechanisms. Any protective switch OFF latches the output. To restart the device, it is necessary to set
IN = LOW for t > tIN(RESETDELAY). This behavior is known as latch behavior. Figure 26 gives a sketch of the
situation.
5.3.6.1
Activation of the Switch into Short Circuit (Short Circuit Type 1)
When the switch is activated into short circuit, the current will raise until reaching the ICL(0) value. After tOFF(TRIP),
the device will turn OFF and latches until the IN pin is set to low for t > tIN(RESETDELAY). Under certain supply
undervoltage shutdown conditions (for example VS < VS(EXT,DYN)) the latched fault may be reset. For overload
(short circuit or overtemperature), the maximum retry cycle (ffault) under fault condition must be considered.
5.3.6.2
Short Circuit Appearance when the Device is already ON (Short Circuit Type 2)
When the device is in ON state and a short circuit to ground appears at the output (SC2) with an overcurrent
higher than ICL(0) for a time longer than tOFF(TRIP), the device automatically turns OFF and latches until the IN pin
is set to low for t > tIN(RESETDELAY). Under certain supply undervoltage shutdown conditions (for example
VS < VS(EXT,DYN)) the latched fault may be reset.
5.3.6.3
Influence of the battery wire inductance
The wire between the battery and the VS pin includes typically some parasitic inductance.
When the device switches off due to a short circuit event, the energy stored in the line inductance together
with the capacitance (either the capacitor placed at VS pin or the internal capacitance between drain and
source) could trigger an oscillatory behavior on the supply line at short circuit turn-off (see Figure 23), whose
frequency depends on the inductance and capacitance values.
RIS
-VBAT
OUT
-IL
-IGND
-IIS
IIN
IRVS
DOUT
GND
RVS
RIN
VS
IN
IS
GND


유사한 부품 번호 - BTS50020-1TAD

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS50025-1TAD INFINEON-BTS50025-1TAD Datasheet
924Kb / 51P
   Smart High-Side Power Switch
Rev. 1.1 2017-03-30
BTS50025-1TEA INFINEON-BTS50025-1TEA Datasheet
1Mb / 44P
   Smart High-Side Power Switch
Rev.1.0 2018-08-16
More results

유사한 설명 - BTS50020-1TAD

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com