전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTS50025-1TAD 데이터시트(PDF) 36 Page - Infineon Technologies AG

부품명 BTS50025-1TAD
상세설명  Smart High-Side Power Switch
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50025-1TAD 데이터시트(HTML) 36 Page - Infineon Technologies AG

Back Button BTS50025-1TAD Datasheet HTML 32Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 33Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 34Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 35Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 36Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 37Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 38Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 39Page - Infineon Technologies AG BTS50025-1TAD Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
Data Sheet
36
Rev. 1.1
2017-03-30
BTS50025-1TAD
Smart High-Side Power Switch
Electrical Characteristics BTS50025-1TAD
Nominal Load Current
IL(NOM)
25
30
A
TA = 85°C2)
TJ ≤ 150°C
P_6.1.9
Drain to Source Smart
Clamp Voltage VDS(CL) = VS -
VOUT
VDS(CL)
28
46
V
IDS =35 mA
See Page 44
P_6.1.11
Output Leakage Current
IL(OFF)
–5
15
µA
1)VIN ≤ 0.8 V
VOUT =0 V
TJ ≤ 85°C
P_6.1.13
Output Leakage Current
IL(OFF)
–13
60
µA
VIN ≤ 0.8 V
VOUT =0 V
TJ = 150°C
P_6.1.14
Turn ON Slew Rate
VOUT = 25% to 50% VS
dVON/dt
0.1
0.40
1
V/µs RL =0.68 Ω
VS = 13.5 V
See Figure 8
See Page 42
P_6.1.15
Turn OFF Slew Rate
VOUT = 50% to 25% VS
-dVOFF/dt
0.1
0.45
1.1
V/µs
P_6.1.16
Turn ON Time to
VOUT = 90% VS
tON
100
550
µs
P_6.1.17
Turn OFF Time to
VOUT = 10% VS
tOFF
160
550
µs
P_6.1.18
Turn ON Time to
VOUT = 10% VS
tON(DELAY)
30
100
µs
P_6.1.19
Turn OFF Time to
VOUT = 90% VS
tOFF(DELAY)
130
400
µs
P_6.1.20
Switch ON Energy
EON
–3
–mJ
1)RL =0.68 Ω
VS = 13.5 V
See Page 43
P_6.1.21
Switch OFF Energy
EOFF
–3
–mJ
1)RL =0.68 Ω
VS = 13.5 V
See Page 43
P_6.1.22
Table 6
Electrical Characteristics: BTS50025-1TAD (cont’d)
VS = 8 V to 18 V, TJ = -40°C to +150°C (unless otherwise specified)
For a given temperature or voltage range, typical values are specified at VS = 13.5 V, TJ = 25°C
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.


유사한 부품 번호 - BTS50025-1TAD

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS50025-1TEA INFINEON-BTS50025-1TEA Datasheet
1Mb / 44P
   Smart High-Side Power Switch
Rev.1.0 2018-08-16
More results

유사한 설명 - BTS50025-1TAD

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com