전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN3111 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 FAN3111
상세설명  Single 1A High-Speed, Low-Side Gate Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3111 데이터시트(HTML) 5 Page - ON Semiconductor

  FAN3111 Datasheet HTML 1Page - ON Semiconductor FAN3111 Datasheet HTML 2Page - ON Semiconductor FAN3111 Datasheet HTML 3Page - ON Semiconductor FAN3111 Datasheet HTML 4Page - ON Semiconductor FAN3111 Datasheet HTML 5Page - ON Semiconductor FAN3111 Datasheet HTML 6Page - ON Semiconductor FAN3111 Datasheet HTML 7Page - ON Semiconductor FAN3111 Datasheet HTML 8Page - ON Semiconductor FAN3111 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3111
• Rev. 1.6
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
VDD to GND
-0.3
20.0
V
VIN
Voltage on IN to GND
FAN3111C
-0.3
VDD + 0.3
V
FAN3111E
-0.3
VXREF+0.3
V
VXREF
Voltage on XREF to GND
FAN3111E
-0.3
5.5
V
VOUT
Voltage on OUT to GND
-0.3
VDD+0.3
V
TL
Lead Soldering Temperature (10 Seconds)
+260
ºC
TJ
Junction Temperature
+150
ºC
TSTG
Storage Temperature
-65
+150
ºC
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage Range
4.5
18.0
V
VIN
Input Voltage IN
FAN3111C
0
VDD
V
FAN3111E
0
VXREF
V
VXREF
External Reference Voltage XREF
FAN3111E
2.0
5.0
V
TA
Operating Ambient Temperature
-40
+125
ºC


유사한 부품 번호 - FAN3111

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3111C FAIRCHILD-FAN3111C Datasheet
465Kb / 12P
   Application Review and Comparative Evaluation of Low-Side Gate Drivers
FAN3111C FAIRCHILD-FAN3111C Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3111C FAIRCHILD-FAN3111C Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
More results

유사한 설명 - FAN3111

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com