전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SFH-485 데이터시트(PDF) 8 Page - OSRAM GmbH

부품명 SFH-485
상세설명  GaAlAs Infrared Emitters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-485 데이터시트(HTML) 8 Page - OSRAM GmbH

Back Button SFH-485 Datasheet HTML 4Page - OSRAM GmbH SFH-485 Datasheet HTML 5Page - OSRAM GmbH SFH-485 Datasheet HTML 6Page - OSRAM GmbH SFH-485 Datasheet HTML 7Page - OSRAM GmbH SFH-485 Datasheet HTML 8Page - OSRAM GmbH SFH-485 Datasheet HTML 9Page - OSRAM GmbH SFH-485 Datasheet HTML 10Page - OSRAM GmbH SFH-485 Datasheet HTML 11Page - OSRAM GmbH SFH-485 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
2008-05-28
8
Version 1.0
SFH 485
Radiation Characteristics
Abstrahlcharakteristik
Irel = f( )
Package Outline
Maßzeichnung
Dimensions in mm (inch). / Maße in mm (inch).
OHR01892
020
40
60
80
100
120
0.4
0.6
0.8
1.0
100
90
80
70
60
50
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1.0
ϕ
7.8 (0.307)
7.5 (0.295)
9.0 (0.354)
8.2 (0.323)
4.8 (0.189)
4.2 (0.165)
1.5 (0.059)
Chip position
GEXY6305
Cathode
0.4 (0.016)
0.6 (0.024)
27 (1.063)
29 (1.142)
Area not flat
0.4 (0.016)
0.6 (0.024)
5.5 (0.217)
5.9 (0.232)


유사한 부품 번호 - SFH-485

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH-4851 OSRAM-SFH-4851 Datasheet
239Kb / 9P
   Anode is electrically connected to the case
SFH-4853 OSRAM-SFH-4853 Datasheet
253Kb / 9P
   Infrared Emitter
SFH-4855 OSRAM-SFH-4855 Datasheet
242Kb / 10P
   Infrared Emitter
SFH-4857 OSRAM-SFH-4857 Datasheet
241Kb / 9P
   Infrared Emitter
More results

유사한 설명 - SFH-485

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
SFH-4585 OSRAM-SFH-4585 Datasheet
186Kb / 14P
   GaAlAs Infrared Emitters
logo
Siemens Semiconductor G...
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
logo
OSRAM GmbH
SFH4580 OSRAM-SFH4580_02 Datasheet
81Kb / 7P
   GaAlAs Infrared Emitters (880 nm) in SMR짰 Package
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
   SELECTED WAVELENGTH GaAlAs EMITTERS
logo
OSRAM GmbH
SFH-4516 OSRAM-SFH-4516 Datasheet
183Kb / 11P
   GaAs Infrared Emitters
logo
OptoDiode Corp
OD-880W OPTODIODE-OD-880W Datasheet
397Kb / 2P
   HIGH-POWER GaAlAs IR EMITTERS
OD-880FJ OPTODIODE-OD-880FJ Datasheet
257Kb / 2P
   HI-REL GaAlAs IR EMITTERS
OD-870L OPTODIODE-OD-870L Datasheet
372Kb / 2P
   HIGH-SPEED GaAlAs IR EMITTERS
OD-870F OPTODIODE-OD-870F Datasheet
376Kb / 2P
   HIGH-SPEED GaAlAs IR EMITTERS
OD-850F OPTODIODE-OD-850F_18 Datasheet
169Kb / 4P
   High-Power GaAlAs IR Emitters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com