전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX512T 데이터시트(Datasheet) 4 Page - KEC(Korea Electronics)

부품명 KTX512T
상세내용  EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 4 page
background image
2002. 1. 24
4/5
KTX512T
Revision No : 1
COLLECTOR-BASE VOLTAGE V
(V)
CB
BASE-EMITTER VOLTAGE V
(V)
BE
COLLECTOR CURRENT I
(A)
C
C
- V
ob
CB
I - V
C
BE
30
1K
f - I
T
C
50
100
300
500
-0.01
-0.03
-0.1
-1
-3
-0.3
V
=-2V
CE
0
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
V
=-2V
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
SAFE OPERATING AREA
AMBIENT TEMPERATURE Ta ( C)
0
0
Pc - Ta
20
40
60
80
100
120
140 160
0.2
0.4
0.6
0.8
1.0
1.2
MOUNTED ON A
CERAMIC BOARD
(600mm
0.8mm)
2
-0.02
-0.1
-0.3
-0.5
-3
-5
-1
-10
-0.05
-0.2
-1
-3
-10
-20
MOUNTED ON A CERAMIC BOARD
SINGLE NONREPETITIVE
PULSE Ta=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
*
I MAX.(PULSED)
C
I MAX
(CONTIN-
UOUS)
C
100mS*
10m
S*
DC
OPERA
TIO
N
(600mm
0.8mm)
2
FORWARD VOLTAGE V
(V)
0.1
0
100m
10m
1m
100
µ
1
0.5
0.4
0.3
0.2
F
I - V
F
F
0.6
10
30
50
100
300
1K
500
-1
-10
-30
-3
-5
f=1MHz
D (SBD)
1




Html 페이지

1  2  3  4  5 


데이터시트



관련 부품명

부품명상세내용Html View제조사
KTX302UEPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX303UEPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE SWITCHING LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX511TEPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE 1 2 3 4 5 KEC(Korea Electronics)
KTX402UEPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX403UEPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE SWITCHING LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX301EEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTX311TEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE 1 2 3 4 KEC(Korea Electronics)
KTX301UEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTX401EEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
MA2SD30Schottky Barrier Diodes Silicon epitaxial planar type For super high speed switching 1 2 3 Panasonic Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl