전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHC74 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74VHC74
상세설명  Dual D-Type Flip-Flop with Preset and Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC74 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74VHC74 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC74 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC74 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC74 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC74 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC74 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC74 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC74 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011505
www.fairchildsemi.com
October 1992
Revised February 2005
74VHC74
Dual D-Type Flip-Flop with Preset and Clear
General Description
The VHC74 is an advanced high speed CMOS Dual D-
Type Flip-Flop fabricated with silicon gate CMOS technol-
ogy. It achieves the high speed operation similar to equiva-
lent Bipolar Schottky TTL while maintaining the CMOS low
power dissipation. The signal level applied to the D input is
transferred to the Q output during the positive going transi-
tion of the CK pulse. CLR and PR are independent of the
CK and are accomplished by setting the appropriate input
LOW.
An input protection circuit ensures that 0V to 7V can be
applied to the input pins without regard to the supply volt-
age. This device can be used to interface 5V to 3V systems
and two supply systems such as battery backup. This cir-
cuit prevents device destruction due to mismatched supply
and input voltages.
Features
s High Speed: fMAX 170 MHz (typ) at TA 25qC
s High noise immunity: VNIH VNIL 28% VCC (min)
s Power down protection is provided on all inputs
s Low power dissipation: ICC 2 PA (max) at TA 25qC
s Pin and function compatible with 74HC74
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDED J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Order Number
Package
Package Description
Number
74VHC74M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VHC74MX_NL
M14A
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VHC74SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC74MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHC74MTCX_NL
(Note 1)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74VHC74N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


유사한 부품 번호 - 74VHC74

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
74VHC74 MOTOROLA-74VHC74 Datasheet
153Kb / 6P
   Dual D-Type Flip-Flop with Set and Reset
logo
STMicroelectronics
74VHC74 STMICROELECTRONICS-74VHC74 Datasheet
75Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
80Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
74VHC74 STMICROELECTRONICS-74VHC74 Datasheet
449Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
390Kb / 10P
   Dual D-Type Flip-Flop with Preset and Clear
More results

유사한 설명 - 74VHC74

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
MM74HCT74 FAIRCHILD-MM74HCT74 Datasheet
85Kb / 7P
   Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
M54HC74 STMICROELECTRONICS-M54HC74 Datasheet
250Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
74AC74 STMICROELECTRONICS-74AC74 Datasheet
97Kb / 11P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
April 1997
M54HCT74 STMICROELECTRONICS-M54HCT74 Datasheet
249Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com