전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KFG1216D2A-FID5 데이터시트(PDF) 5 Page - Samsung semiconductor

부품명 KFG1216D2A-FID5
상세설명  FLASH MEMORY
Download  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFG1216D2A-FID5 데이터시트(HTML) 5 Page - Samsung semiconductor

  KFG1216D2A-FID5 Datasheet HTML 1Page - Samsung semiconductor KFG1216D2A-FID5 Datasheet HTML 2Page - Samsung semiconductor KFG1216D2A-FID5 Datasheet HTML 3Page - Samsung semiconductor KFG1216D2A-FID5 Datasheet HTML 4Page - Samsung semiconductor KFG1216D2A-FID5 Datasheet HTML 5Page - Samsung semiconductor KFG1216D2A-FID5 Datasheet HTML 6Page - Samsung semiconductor KFG1216D2A-FID5 Datasheet HTML 7Page - Samsung semiconductor KFG1216D2A-FID5 Datasheet HTML 8Page - Samsung semiconductor KFG1216D2A-FID5 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 114 page
background image
OneNAND512(KFG1216x2A-xxB5)
FLASH MEMORY
5
Samsung offers a variety of Flash solutions including NAND Flash, OneNAND
and NOR Flash. Samsung offers Flash products
both component and a variety of card formats including RS-MMC, MMC, CompactFlash, and SmartMedia.
To determine which Samsung Flash product solution is best for your application, refer the product selector chart.
Application Requires
Samsung Flash Products
NAND
OneNAND
NOR
Fast Random Read
Fast Sequential Read
••
Fast Write/Program
••
Multi Block Erase
• (Max 64 Blocks)
Erase Suspend/Resume
••
Copyback
• (EDC)
• (ECC)
Lock/Unlock/Lock-Tight
••
ECC
External (Hardware/Software)
Internal
X
Scalability
••
1.3
Ordering Information
1.2
Flash Product Type Selector
K F G 12 1 6 Q 2 A - x x B 5
Samsung
OneNAND Memory
Device Type
G : Single Chip
Density
12: 512Mb
Operating Temperature Range
E = Extended Temp. (-30
°C to 85 °C)
I = Industrial Temp. (-40
°C to 85 °C)
Page Architecture
2 : 2KB Page
Version
2nd Generation
Product Line desinator
B : Include Bad Block
D : Daisy Sample
Operating Voltage Range
Q : 1.8V(1.7 V to 1.95V)
D : 2.65V(2.4V to 2.9V)
U : 3.3V(2.7 V to 3.6V)
Package
D : FBGA(Lead Free)
F : FBGA(Leaded)
Organization
x16 Organization
Speed
5 : 54MHz
6 : 66MHz


유사한 부품 번호 - KFG1216D2A-FID5

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KFG1216D2M-DEB SAMSUNG-KFG1216D2M-DEB Datasheet
1Mb / 93P
   FLASH MEMORY
KFG1216D2M-DED SAMSUNG-KFG1216D2M-DED Datasheet
1Mb / 93P
   FLASH MEMORY
KFG1216D2M-DIB SAMSUNG-KFG1216D2M-DIB Datasheet
1Mb / 93P
   FLASH MEMORY
KFG1216D2M-DID SAMSUNG-KFG1216D2M-DID Datasheet
1Mb / 93P
   FLASH MEMORY
More results

유사한 설명 - KFG1216D2A-FID5

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com