전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GW-JCLPS2.EM 데이터시트(PDF) 1 Page - OSRAM GmbH

부품명 GW-JCLPS2.EM
상세설명  white SMT package, colored diffused silicone resin
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-JCLPS2.EM 데이터시트(HTML) 1 Page - OSRAM GmbH

  GW-JCLPS2.EM Datasheet HTML 1Page - OSRAM GmbH GW-JCLPS2.EM Datasheet HTML 2Page - OSRAM GmbH GW-JCLPS2.EM Datasheet HTML 3Page - OSRAM GmbH GW-JCLPS2.EM Datasheet HTML 4Page - OSRAM GmbH GW-JCLPS2.EM Datasheet HTML 5Page - OSRAM GmbH GW-JCLPS2.EM Datasheet HTML 6Page - OSRAM GmbH GW-JCLPS2.EM Datasheet HTML 7Page - OSRAM GmbH GW-JCLPS2.EM Datasheet HTML 8Page - OSRAM GmbH GW-JCLPS2.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2016-06-09
GW JCLPS2.EM
The DURIS
® E 3 combines high efficacy and a wide
beam angle into a compact format (3.0 mm x 1.4 mm).
This is key to homogeneous illumination applications
where the DURIS® E 3 never fails to impress with its
performance on system level.
Die DURIS
® E 3 kombiniert hohe Effizienz und einen
weiten Abstrahlwinkel in einer kompakten Bauform
(3,0 mm x 1,4 mm). Speziell für Anwendungen mit
besonders homogener Lichtverteilung kann die
DURIS® E 3 mit ihrer Leistung auf Systemebene
überzeugen.
Features:
Besondere Merkmale:
Package: white SMT package, colored diffused
silicone resin
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
CRI: min. 80
CRI: min. 80
Applications
Anwendungen
Indoor General Lighting
Innen-Allgemeinbeleuchtung
Task lights
Schreibtischleuchten
Retrofits and fixtures
Retrofits
Linear lights
Linearbeleuchtung
Color: 2700 K - 6500 K (warm, neutral and cool
white)
Farbe: 2700 K - 6500 K (warm, neutral and cool
white)
2017-09-12
1
DURIS® E 3
Datasheet
Version 2.1
Luminous Flux: typ. 31.5 lm @ 5000 K
Lichtstrom: typ. 31.5 lm @ 5000 K
Luminous efficacy: typ. 159 lm/W @ 5000 K
Lichtausbeute: typ. 159 lm/W @ 5000 K


유사한 부품 번호 - GW-JCLPS2.EM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GW-JCLPS1.EM OSRAM-GW-JCLPS1.EM Datasheet
2Mb / 25P
   white SMT package, colored diffused silicone resin
More results

유사한 설명 - GW-JCLPS2.EM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GWPSLM31.CM OSRAM-GWPSLM31.CM Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWPSLR31.EM OSRAM-GWPSLR31.EM Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GWSBLMA3.EM OSRAM-GWSBLMA3.EM Datasheet
847Kb / 24P
   white SMT package, colored diffused silicone resin
LCWJDSH.EC OSRAM-LCWJDSH.EC Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWJDSLS1.EC OSRAM-GWJDSLS1.EC Datasheet
375Kb / 25P
   white smt package, colored diffused silicone resin
GD-PSLR31.13 OSRAM-GD-PSLR31.13 Datasheet
1Mb / 21P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
   white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
   white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
   white SMT package, colored diffused silicone resin
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
   white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com