전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GW-JDSRS1.CC 데이터시트(PDF) 4 Page - OSRAM GmbH

부품명 GW-JDSRS1.CC
상세설명  white SMT package, colored diffused silicone resin
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-JDSRS1.CC 데이터시트(HTML) 4 Page - OSRAM GmbH

  GW-JDSRS1.CC Datasheet HTML 1Page - OSRAM GmbH GW-JDSRS1.CC Datasheet HTML 2Page - OSRAM GmbH GW-JDSRS1.CC Datasheet HTML 3Page - OSRAM GmbH GW-JDSRS1.CC Datasheet HTML 4Page - OSRAM GmbH GW-JDSRS1.CC Datasheet HTML 5Page - OSRAM GmbH GW-JDSRS1.CC Datasheet HTML 6Page - OSRAM GmbH GW-JDSRS1.CC Datasheet HTML 7Page - OSRAM GmbH GW-JDSRS1.CC Datasheet HTML 8Page - OSRAM GmbH GW-JDSRS1.CC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
2015-12-10
4
Version 1.1
GW JDSRS1.CC
Characteristics (TS = 25 °C; IF = 120 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
120
°
Forward voltage
2) page 23 , 3) page 23
Durchlassspannung
2) Seite 23 , 3) Seite 23
(min.)
(typ.)
(max.)
VF
VF
VF
2.80
3.00
3.40
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Color rendering index 4) page 23
Farbwiedergabe Index 4) Seite 23
(2700K - 4000K)
(typ.)
(min.)
R
a
R
a
95
90
-
-
Real thermal resistance junction / solder point
5) page 23
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 23
(typ.)
(max.)
Rth JS real
Rth JS real
20
26
K/W
K/W
"Electrical" thermal resistance junction / solder point
5) page 23
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad
5) Seite 23
(with efficiency ηe = 20 %)
(typ.)
(max.)
R
th JS el
R
th JS el
16
21
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite


유사한 부품 번호 - GW-JDSRS1.CC

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GW-JDSRS1.EC OSRAM-GW-JDSRS1.EC Datasheet
1Mb / 27P
   white SMT package, colored diffused silicone resin
More results

유사한 설명 - GW-JDSRS1.CC

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GWPSLM31.CM OSRAM-GWPSLM31.CM Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWPSLR31.EM OSRAM-GWPSLR31.EM Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GWSBLMA3.EM OSRAM-GWSBLMA3.EM Datasheet
847Kb / 24P
   white SMT package, colored diffused silicone resin
LCWJDSH.EC OSRAM-LCWJDSH.EC Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWJDSLS1.EC OSRAM-GWJDSLS1.EC Datasheet
375Kb / 25P
   white smt package, colored diffused silicone resin
GD-PSLR31.13 OSRAM-GD-PSLR31.13 Datasheet
1Mb / 21P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
   white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
   white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
   white SMT package, colored diffused silicone resin
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
   white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com