전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GW-JDSRS1.EC 데이터시트(PDF) 8 Page - OSRAM GmbH

부품명 GW-JDSRS1.EC
상세설명  white SMT package, colored diffused silicone resin
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-JDSRS1.EC 데이터시트(HTML) 8 Page - OSRAM GmbH

Back Button GW-JDSRS1.EC Datasheet HTML 4Page - OSRAM GmbH GW-JDSRS1.EC Datasheet HTML 5Page - OSRAM GmbH GW-JDSRS1.EC Datasheet HTML 6Page - OSRAM GmbH GW-JDSRS1.EC Datasheet HTML 7Page - OSRAM GmbH GW-JDSRS1.EC Datasheet HTML 8Page - OSRAM GmbH GW-JDSRS1.EC Datasheet HTML 9Page - OSRAM GmbH GW-JDSRS1.EC Datasheet HTML 10Page - OSRAM GmbH GW-JDSRS1.EC Datasheet HTML 11Page - OSRAM GmbH GW-JDSRS1.EC Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
2016-07-15
8
Version 1.3
GW JDSRS1.EC
Color Chromaticity Groups 6) page 26
Farbortgruppen 6) Seite 26
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5C
0.3055
0.3177
5M
0.3746
0.3624
7S
0.4305
0.4019
0.3068
0.3113
0.3773
0.3726
0.4346
0.4108
0.3108
0.3229
0.3822
0.3670
0.4386
0.4048
0.3119
0.3162
0.3853
0.3776
0.4430
0.4138
6C
0.3041
0.3240
6M
0.3773
0.3726
8S
0.4346
0.4108
0.3055
0.3177
0.3799
0.3828
0.4387
0.4197
0.3098
0.3296
0.3853
0.3776
0.4430
0.4138
0.3108
0.3229
0.3885
0.3882
0.4474
0.4228
7C
0.3028
0.3304
7M
0.3799
0.3828
5T
0.4298
0.3867
0.3041
0.3240
0.3826
0.3931
0.4342
0.3957
0.3087
0.3363
0.3885
0.3882
0.4373
0.3893
0.3098
0.3296
0.3916
0.3987
0.4420
0.3985
5D
0.3108
0.3229
5N
0.3822
0.3670
6T
0.4342
0.3957
0.3119
0.3162
0.3853
0.3776
0.4386
0.4048
0.3162
0.3282
0.3898
0.3716
0.4420
0.3985
0.3170
0.3212
0.3934
0.3825
0.4468
0.4077
6D
0.3098
0.3296
6N
0.3853
0.3776
7T
0.4386
0.4048
0.3108
0.3229
0.3885
0.3882
0.4430
0.4138
0.3154
0.3352
0.3934
0.3825
0.4468
0.4077
0.3162
0.3282
0.3970
0.3935
0.4515
0.4168
7D
0.3087
0.3363
7N
0.3885
0.3882
8T
0.4430
0.4138
0.3098
0.3296
0.3916
0.3987
0.4474
0.4228
0.3146
0.3422
0.3970
0.3935
0.4515
0.4168
0.3154
0.3352
0.4006
0.4044
0.4562
0.4260
5E
0.3162
0.3282
5O
0.3890
0.3690
5U
0.4373
0.3893
0.3170
0.3212
0.3916
0.3772
0.4420
0.3985
0.3216
0.3334
0.3975
0.3731
0.4428
0.3906
0.3221
0.3262
0.4006
0.3815
0.4477
0.3998


유사한 부품 번호 - GW-JDSRS1.EC

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GW-JDSRS1.CC OSRAM-GW-JDSRS1.CC Datasheet
2Mb / 25P
   white SMT package, colored diffused silicone resin
More results

유사한 설명 - GW-JDSRS1.EC

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GWPSLM31.CM OSRAM-GWPSLM31.CM Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWPSLR31.EM OSRAM-GWPSLR31.EM Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GWSBLMA3.EM OSRAM-GWSBLMA3.EM Datasheet
847Kb / 24P
   white SMT package, colored diffused silicone resin
LCWJDSH.EC OSRAM-LCWJDSH.EC Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWJDSLS1.EC OSRAM-GWJDSLS1.EC Datasheet
375Kb / 25P
   white smt package, colored diffused silicone resin
GD-PSLR31.13 OSRAM-GD-PSLR31.13 Datasheet
1Mb / 21P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
   white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
   white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
   white SMT package, colored diffused silicone resin
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
   white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com