전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2501SL 데이터시트(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM2501SL
상세설명  Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2501SL 데이터시트(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2501SL Datasheet HTML 5Page - National Semiconductor (TI) LM2501SL Datasheet HTML 6Page - National Semiconductor (TI) LM2501SL Datasheet HTML 7Page - National Semiconductor (TI) LM2501SL Datasheet HTML 8Page - National Semiconductor (TI) LM2501SL Datasheet HTML 9Page - National Semiconductor (TI) LM2501SL Datasheet HTML 10Page - National Semiconductor (TI) LM2501SL Datasheet HTML 11Page - National Semiconductor (TI) LM2501SL Datasheet HTML 12Page - National Semiconductor (TI) LM2501SL Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Functional Description (Continued)
SERIAL BUS POWER-UP
In the sleep state, WC, MC and MD are turned off with zero
current flowing. Both devices need to be enabled by assert-
ing their PD* inputs. The DES will then initialize the SER via
the WC signal as shown inFigure 5. The DES waits 7 WC
cycles before its WCLK
out is active. Note, there is no phase
or frequency relationship between WC and MC.
20091603
FIGURE 5. Bus Power Up Timing — WC
www.national.com
9


유사한 부품 번호 - LM2501SL

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 27P
[Old version datasheet]   42V, 1.0A Step-Down Switching Regulator
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25010 NSC-LM25010 Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010-Q1 TI1-LM25010-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
More results

유사한 설명 - LM2501SL

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
   Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
logo
National Semiconductor ...
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
   Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
LM2507 NSC-LM2507 Datasheet
977Kb / 22P
   Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
logo
Texas Instruments
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM4312 TI1-LM4312 Datasheet
934Kb / 25P
[Old version datasheet]   LM4312 Mobile Pixel Link Two (MPL-2), RGB Display Differential Interface Serializer with Optional Dithering and Look Up Table
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
LM4308GR_NOPB TI1-LM4308GR_NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LM4308 Mobile Pixel Link Two (MPL-2) ??18-bit CPU Display Interface Master/Slave
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com