전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GW-KAGLB3.PM 데이터시트(PDF) 9 Page - OSRAM GmbH

부품명 GW-KAGLB3.PM
상세설명  Chip-on-Board
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-KAGLB3.PM 데이터시트(HTML) 9 Page - OSRAM GmbH

Back Button GW-KAGLB3.PM Datasheet HTML 5Page - OSRAM GmbH GW-KAGLB3.PM Datasheet HTML 6Page - OSRAM GmbH GW-KAGLB3.PM Datasheet HTML 7Page - OSRAM GmbH GW-KAGLB3.PM Datasheet HTML 8Page - OSRAM GmbH GW-KAGLB3.PM Datasheet HTML 9Page - OSRAM GmbH GW-KAGLB3.PM Datasheet HTML 10Page - OSRAM GmbH GW-KAGLB3.PM Datasheet HTML 11Page - OSRAM GmbH GW-KAGLB3.PM Datasheet HTML 12Page - OSRAM GmbH GW-KAGLB3.PM Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Version 1.1
GW KAGLB3.PM
2017-09-05
9
Forward Current 4) page 17 , 6) page 17
Durchlassstrom 4) Seite 17 , 6) Seite 17
IF = f (VF); TJ = 85 °C
Relative Luminous Flux 4) page 17 , 6) page 17
Relativer Lichtstrom 4) Seite 17 , 6) Seite 17
ΦVV(600 mA) = f(IF); TJ = 85 °C
Chromaticity Coordinate Shift 4) page 17
Farbortverschiebung 4) Seite 17
ΔCx, ΔCy = f(IF); TJ = 85 °C
GW KAGLB3.PM
31
39
32
34
36
38
VF
[V]
60
1380
200
400
600
800
1000
1200
IF
[mA]
GW KAGLB3.PM
60
13
80
20
0
40
0
60
0
80
0
10
00
12
00
IF
[mA]
-2
-1
0
1
2
ΦV
ΦV
(600mA)
GW KAGLB3.PM
60
13
80
20
0
40
0
60
0
80
0
10
00
12
00
IF
[mA]
-0,02
-0,01
0,00
0,01
0,02
Cx
Cy
: Cx -
: Cy -


유사한 부품 번호 - GW-KAGLB3.PM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GW-KAGLB3.CM OSRAM-GW-KAGLB3.CM Datasheet
1Mb / 17P
   Chip-on-Board
GW-KAGLB3.DM OSRAM-GW-KAGLB3.DM Datasheet
822Kb / 17P
   Chip-on-Board
GW-KAGLB3.EM OSRAM-GW-KAGLB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
More results

유사한 설명 - GW-KAGLB3.PM

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GWKAGHB3.EM OSRAM-GWKAGHB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAGLB2.CM OSRAM-GWKAGLB2.CM Datasheet
1Mb / 18P
   Chip-on-Board
GWKAHLB2.CM OSRAM-GWKAHLB2.CM Datasheet
3Mb / 18P
   Chip-on-Board
GW-KAGJB2-EM OSRAM-GW-KAGJB2-EM Datasheet
1Mb / 17P
   Chip-on-Board
GW-KAGGB3.CM OSRAM-GW-KAGGB3.CM Datasheet
773Kb / 17P
   Chip-on-Board
GW-KAFGB3.CM OSRAM-GW-KAFGB3.CM Datasheet
1Mb / 17P
   Chip-on-Board
GWKAGHB2.EM OSRAM-GWKAGHB2.EM Datasheet
598Kb / 18P
   Chip-on-Board
GW-KAGMB3.EM OSRAM-GW-KAGMB3.EM Datasheet
1Mb / 18P
   Chip-on-Board
GW-KAHLB1.EM OSRAM-GW-KAHLB1.EM Datasheet
407Kb / 19P
   Chip-on-Board
GW-KAHLB2.DM OSRAM-GW-KAHLB2.DM Datasheet
2Mb / 18P
   Chip-on-Board
GW-KAHLB2.EM OSRAM-GW-KAHLB2.EM Datasheet
2Mb / 18P
   Chip-on-Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com